Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2263M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # XC2263M
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2263M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button XC2263M Datasheet HTML 3Page - Infineon Technologies AG XC2263M Datasheet HTML 4Page - Infineon Technologies AG XC2263M Datasheet HTML 5Page - Infineon Technologies AG XC2263M Datasheet HTML 6Page - Infineon Technologies AG XC2263M Datasheet HTML 7Page - Infineon Technologies AG XC2263M Datasheet HTML 8Page - Infineon Technologies AG XC2263M Datasheet HTML 9Page - Infineon Technologies AG XC2263M Datasheet HTML 10Page - Infineon Technologies AG XC2263M Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
XC2268M/67M, XC2265M/64M/63M
XC2000 Family Derivatives / Base Line
Summary of Features
Data Sheet
7
V2.0, 2009-03
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
XC226xM (XC2000 Family)
1
Summary of Features
For a quick overview and easy reference, the features of the XC226xM are summarized
here.
High-performance CPU with five-stage pipeline and MPU
– 12.5 ns instruction cycle at 80 MHz CPU clock (single-cycle execution)
– One-cycle 32-bit addition and subtraction with 40-bit result
– One-cycle multiplication (16
× 16 bit)
– Background division (32 / 16 bit) in 21 cycles
– One-cycle multiply-and-accumulate (MAC) instructions
– Enhanced Boolean bit manipulation facilities
– Zero-cycle jump execution
– Additional instructions to support HLL and operating systems
– Register-based design with multiple variable register banks
– Fast context switching support with two additional local register banks
– 16 Mbytes total linear address space for code and data
– 1024 Bytes on-chip special function register area (C166 Family compatible)
– Integrated Memory Protection Unit (MPU)
Interrupt system with 16 priority levels for up to 96 sources
– Selectable external inputs for interrupt generation and wake-up
– Fastest sample-rate 12.5 ns
Eight-channel interrupt-driven single-cycle data transfer with
Peripheral Event Controller (PEC), 24-bit pointers cover total address space
Clock generation from internal or external clock sources,
using on-chip PLL or prescaler
Hardware CRC-Checker with Programmable Polynomial to Supervise On-Chip
Memory Areas
On-chip memory modules
– 8 Kbytes on-chip stand-by RAM (SBRAM)
– 2 Kbytes on-chip dual-port RAM (DPRAM)
– 16 Kbytes on-chip data SRAM (DSRAM)
– Up to 32 Kbytes on-chip program/data SRAM (PSRAM)
– Up to 832 Kbytes on-chip program memory (Flash memory)
– Memory content protection through Error Correction Code (ECC)
On-Chip Peripheral Modules
– Multi-functional general purpose timer unit with 5 timers
– 16-channel general purpose capture/compare unit (CAPCOM2)


Similar Part No. - XC2263M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2263M-104FxxL INFINEON-XC2263M-104FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
XC2263M-56FxxL INFINEON-XC2263M-56FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
XC2263M-72FxxL INFINEON-XC2263M-72FxxL Datasheet
1Mb / 133P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1 2011-07
More results

Similar Description - XC2263M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2287M INFINEON-XC2287M Datasheet
1Mb / 142P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
XC2238M INFINEON-XC2238M Datasheet
871Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
SAK-XC2765X-104F80LAA INFINEON-SAK-XC2765X-104F80LAA Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family / Base Line
V2.1 2011-07
XC2232N INFINEON-XC2232N Datasheet
1Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family / Value Line
V1.3 2010-04
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com