Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZS3LL Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HZS3LL
Description  ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZS3LL Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HZS3LL Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HZS-LL Series
ZENER DIODES
PD : 250 mW
FEATURES :
* High reliability
* Low leakage current, low dynamic resistance
* Pb / RoHS Free
MECHANICAL DATA
Case: DO-34 Glass Case
Weight: approx. 0.093g
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Parameter
Symbol
Value
Unit
Forward Rectifier Current
50
mA
Power Dissipation
PD
250
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
- 55 to + 175
°C
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum
Maximum Zener
Typical Zener
Current
Reverse Current
Impredance
Impredance
IZT
IR
@ VR
ZZT @ IZT
ZZK @ IZK
ΔVZ1 *
ΔVZ2 *
min.
max.
(mA)
(nA)
(V)
(
Ω)
(mA)
(KΩ)
(mA)
max
max
A
1.6
2.0
B
1.9
2.3
C
2.2
2.6
A
2.5
2.9
B
2.8
3.2
C
3.1
3.5
A
3.4
3.8
B
3.7
4.1
C
4.0
4.4
A
4.3
4.7
B
4.6
5.0
C
4.9
5.3
* Δ VZ1 = VZ (IZ = 0.5 mA) - VZ1 (IZ = 0.05 mA)
Δ VZ1 = VZ1 (IZ = 0.5 mA) - VZ2 (IZ = 0.05 mA)
Note:
When place an order HZS-LL series, named HZS2ALL, HZS2BLL
⋅⋅⋅⋅⋅⋅⋅ HZS5CLL
Page 1 of 1
Rev. 03 : December 3, 2008
ΔVz (V)
Zener Voltage
Vz (V)
HZS2LL
0.5
350
0.5
1.2
50
0.5
0.5
380
100
2.0
1.0
100
3.0
HZS4LL
HZS5LL
0.5
0.5
0.5
0.6
0.5
1.5
50
0.6
1.2
Type
360
0.5
100
50
100
0.5
HZS3LL
0.5
0.6
IF
Grade
370
0.5
1.5
50
0.6
0.5
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - HZS3LL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS3LL RENESAS-HZS3LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
More results

Similar Description - HZS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com