Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9205 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9205
Description  10-Bit Bus LVDS Serializers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9205 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9205 Datasheet HTML 5Page - Maxim Integrated Products MAX9205 Datasheet HTML 6Page - Maxim Integrated Products MAX9205 Datasheet HTML 7Page - Maxim Integrated Products MAX9205 Datasheet HTML 8Page - Maxim Integrated Products MAX9205 Datasheet HTML 9Page - Maxim Integrated Products MAX9205 Datasheet HTML 10Page - Maxim Integrated Products MAX9205 Datasheet HTML 11Page - Maxim Integrated Products MAX9205 Datasheet HTML 12Page - Maxim Integrated Products MAX9205 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10-Bit Bus LVDS Serializers
______________________________________________________________________________________
11
100
Ω
100
Ω
ASIC
ASIC
ASIC
100
Ω
100
Ω
MAX9205
MAX9207
MAX9150
REPEATER
MAX9206
MAX9208
MAX9206
MAX9208
Figure 13. Point-to-Point Broadcast Using MAX9150 Repeater
A point-to-point version of the multidrop bus is shown in
Figure 13. The low-jitter MAX9150 10-port repeater is
used to reproduce and transmit the serializer output
over 10 double-terminated point-to-point links.
Compared to the multidrop bus, more interconnect is
traded for more robust hot-plug capability.
The repeater eliminates nine serializers compared to 10
individual point-to-point serializer-to-deserializer con-
nections. Since repeater jitter subtracts from the serial-
izer-deserializer timing margin, a low-jitter repeater is
essential in most high data rate applications.
Multiple serializers and deserializers bused over a dif-
ferential serial connection on a backplane are shown in
Figure 14. The second serializer can be a backup to
the primary serializer. The typical close spacing (1in or
less) of cards on a backplane reduces the characteris-
tic impedance by as much as half the initial, unloaded
value. Termination resistors that match the loaded char-
acteristic impedance are required at each end of the
bus. The total loaded seen by the serializer is 27
Ω in
this case.
Board Layout
For bus LVDS applications, a four-layer PCB that pro-
vides separate power, ground, and input/output signals
is recommended. Separate LVTTL/LVCMOS and bus
LVDS signals from each other to prevent coupling into
the bus LVDS lines.


Similar Part No. - MAX9205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205EAI MAXIM-MAX9205EAI Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205EAI++ MAXIM-MAX9205EAI+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205EAI/V++ MAXIM-MAX9205EAI/V+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
More results

Similar Description - MAX9205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com