Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9205EAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9205EAI
Description  10-Bit Bus LVDS Serializers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9205EAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9205EAI Datasheet HTML 3Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 4Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 5Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 6Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 7Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 8Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 9Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 10Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Applications Information
Power-Supply Bypassing
Bypass AVCC with high-frequency surface-mount
ceramic 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible, with the smaller valued
capacitor closest to AVCC. Bypass DVCC with high-fre-
quency surface-mount ceramic 0.1µF and 0.001µF
capacitors in parallel as close to the device as possi-
ble, with the smaller valued capacitor closest to DVCC.
Differential Traces and Termination
Output trace characteristics affect the performance of
the MAX9205/MAX9207. Use controlled-impedance
media and terminate at both ends of the transmission
line in the media's characteristic impedance.
Termination with a single resistor at the end of a point-
to-point link typically provides acceptable performance.
However, the MAX9205/MAX9207 output levels are
specified for double-terminated point-to-point and mul-
tipoint applications. With a single 100
Ω termination, the
output swing is larger.
Avoid the use of unbalanced cables such as ribbon or
simple coaxial cable. Balanced cables such as twisted
pair offer superior signal quality and tend to generate
less EMI due to canceling effects. Balanced cables
tend to pick up noise as common mode, which is
rejected by a differential receiver.
Eliminate reflections and ensure that noise couples as
common mode by running the differential traces close
together. Reduce skew by matching the electrical
length of the traces. Excessive skew can result in a
degradation of magnetic field cancellation.
The differential output signals should be routed close to
each other to cancel their external magnetic field.
Maintain a constant distance between the differential
traces to avoid discontinuities in differential impedance.
Avoid 90° turns and minimize the number of vias to fur-
ther prevent impedance discontinuities.
10-Bit Bus LVDS Serializers
_______________________________________________________________________________________
7
OUT+
OUT-
VOD
VOS
RL
2
RL
2
Figure 1. Output Voltage Definitions
TCLK
ODD IN_
EVEN IN_
TCLK_R/F = LOW
Figure 2. Worst-Case ICC Test Pattern
TCLK
tCLKT
10%
90%
90%
10%
tCLKT
0
3V
Figure 3. Input Clock Transition Time Requirement


Similar Part No. - MAX9205EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205EAI MAXIM-MAX9205EAI Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205EAI++ MAXIM-MAX9205EAI+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205EAI/V++ MAXIM-MAX9205EAI/V+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
More results

Similar Description - MAX9205EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com