Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9206EAv Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9206EAv
Description  10-Bit Bus LVDS Deserializers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9206EAv Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9206EAv Datasheet HTML 2Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 3Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 4Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 5Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 6Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 7Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 8Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 9Page - Maxim Integrated Products MAX9206EAv Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
10-Bit Bus LVDS Deserializers
Figure 5. Data Valid Times
tROS
tROH
RCLK
RCLK_R/F = LOW
RCLK
RCLK_R/F = HIGH
DATA VALID
BEFORE RCLK
DATA VALID
AFTER RCLK
ROUT_
50%
50%
Figure 6. High-Impedance Test Circuit and Timing
CL
+7V FOR tLZR AND tZLR
OPEN FOR tHZR AND tZHR
450
500
SCOPE
50
REN
ROUT_
RCLK
VOL
VOH
tLZR
tHZR
tZLR
1.5V
tZHR
VOL +0.5V
VOH -0.5V
Figure 2. Input Fail-Safe Circuit
VCC
VCC - 0.3V
TO DESERIALIZING
CIRCUITRY
RI+
RI-
RIN1
RIN1
RIN2
Figure 3. LVCMOS/LVTTL Output Load and Transition Times
80%
80%
20%
20%
tCLH
tCHL
CL
15pF
LVCMOS/LVTTL
OUTPUT
Figure 4. Input-to-Output Delay
START
BIT
START
BIT
END
BIT
START
BIT
END
BIT
SYMBOL N
SYMBOL N+1
SYMBOL N-1
SYMBOL N
tDD
RI
RCLK
ROUT_
RCLK_R/F = HIGH
0123456789
0123456789
012
Test Circuits/Timing Diagrams (continued)
6
_______________________________________________________________________________________


Similar Part No. - MAX9206EAv

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206EAI MAXIM-MAX9206EAI Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206EAI MAXIM-MAX9206EAI Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
More results

Similar Description - MAX9206EAv

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com