Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZS36L Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # HZS36L
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZS36L Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  HZS36L Datasheet HTML 1Page - EIC discrete Semiconductors HZS36L Datasheet HTML 2Page - EIC discrete Semiconductors HZS36L Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum Dymamic
Maximum
Typical Temperature
Current
Resistance
Reverse Current
Coefficient *
IZT
rd
@
IZ
IZ
min.
max.
(mA)
(Ω)
(mA)
(μA)
(V)
(mA)
1
14.1
14.7
2
14.5
15.1
3
14.9
15.5
1
15.3
15.9
2
15.7
16.5
3
16.3
17.1
1
16.9
17.7
2
17.5
18.3
3
18.1
19.0
1
18.8
19.7
2
19.5
20.4
3
20.2
21.1
1
20.9
21.9
2
21.6
22.6
3
22.3
23.3
1
22.9
24.0
2
23.6
24.7
3
24.3
25.5
1
25.2
26.6
2
26.2
27.6
3
27.2
28.6
1
28.2
29.6
2
29.2
30.6
3
30.2
31.6
1
31.2
32.6
2
32.2
33.6
3
33.2
34.6
1
34.2
35.7
2
35.3
36.8
3
36.4
38.0
* Referent only
Note:
Type No. show as follows, HZS6A1L, HZS6A2L
⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ HZS36-3L
Page 3 of 3
Rev. 04 : December 3, 2008
HZS20L
0.5
100
Grade
Zener Voltage
Type
Vz (V) at IZT
80
1
0.5
18.0
γ
Z(mV/ °C)
0.5
1
18.0
IR
@
VR
0.5
HZS22L
0.5
100
0.5
1
20.0
20.0
0.5
HZS24L
0.5
HZS16L
HZS15L
HZS18L
120
0.5
1
22.0
14.0
15.0
23.0
0.5
80
0.5
13.0
HZS27L
0.5
150
0.5
1
24.0
26.0
0.5
HZS30L
0.5
200
0.5
1
27.0
29.0
0.5
HZS33L
0.5
250
0.5
1
30.0
32.0
0.5
HZS36L
0.5
300
0.5
1
33.0
36.0
0.5
1
0.5
80
0.5
1
0.5
0.5
16.0
0.5
12.0
0.5
13.0
0.5
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - HZS36L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS36 RENESAS-HZS36 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
EIC discrete Semiconduc...
HZS36 EIC-HZS36 Datasheet
176Kb / 3P
   ZENER DIODES
logo
Renesas Technology Corp
HZS361 RENESAS-HZS361 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS362 RENESAS-HZS362 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS363 RENESAS-HZS363 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZS36L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com