Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9938TEBS Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9938TEBS
Description  1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9938TEBS Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9938TEBS Datasheet HTML 4Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 5Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 6Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 7Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 8Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 9Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 10Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 11Page - Maxim Integrated Products MAX9938TEBS Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
The MAX9938 allows two methods of filtering to help
improve performance in the presence of input common-
mode voltage and input differential voltage transients.
Figure 1 shows a differential input filter.
The capacitor CIN between RS+ and RS- along with the
resistor RIN between the sense resistor and RS- helps
filter against input differential voltages and prevents
them from reaching the MAX9938.
The corner frequency of this filter is determined by the
choice of RIN, CIN, and the value of the input resis-
tance at RS- (R1). See Table 1 for R1 values at the dif-
ferent gain options.
The value of RIN should be chosen to minimize its
effect on the input offset voltage due to the bias current
at RS-. RIN x IBIAS contributes to the input voltage off-
set. IBIAS is typically 0.2μA.
Placing RIN at the RS- input does not affect the gain
error of the device because the gain is given by the
ratio between ROUT and R1 at RS+.
Figure 2 shows the input common-mode filter.
Again, the corner frequency of the filter is determined
by the choice of RIN, CIN and is affected by R1.
In this case RIN affects both gain error and input offset
voltage. RIN should be smaller than R1 so that it has
negligible effect on the device gain. If, for example, a fil-
ter with RIN = 10
Ω and CIN = 1μF is built, then depend-
ing upon the gain selection, the gain error is affected by
either 2.5% (G = 25V/V, R1 = 400
Ω) or 5% (G = 50V/V,
R1 = 200
Ω) or 10% (G = 100V/V, R1 = 100Ω) or 10%
(G = 200V/V, R1 = 100
Ω).
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
8
_______________________________________________________________________________________
Figure 2. Input Common-Mode Filter
RSENSE
CIN
CIN
RIN
RIN
RS-
OUT
GND
RS+
MAX9938
LOAD
RSENSE
CIN
RIN
RS-
OUT
GND
RS+
MAX9938
LOAD
Figure 1. Differential Input Filter


Similar Part No. - MAX9938TEBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938TEBS MAXIM-MAX9938TEBS Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938TEBS+G45 MAXIM-MAX9938TEBS+G45 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938TEBS+G45 MAXIM-MAX9938TEBS+G45 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938TEBS+G45 MAXIM-MAX9938TEBS+G45 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results

Similar Description - MAX9938TEBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com