Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14523A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14523A
Description  250mA to 1.5A, Adjustable Current-Limit Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14523A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14523A_11 Datasheet HTML 3Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 4Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 5Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 6Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 7Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 8Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 9Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 10Page - Maxim Integrated Products MAX14523A_11 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
250mA to 1.5A, Adjustable
Current-Limit Switches
10
______________________________________________________________________________________
Do not use an RSETI value smaller than 91.78k
Ω.
Note: Connecting any capacitance larger than 20pF to
SETI can cause instability.
IN Bypass Capacitor
Connect a minimum of 1µF capacitor from IN to GND to
limit the input voltage drop during momentary output
short-circuit conditions. Larger capacitor values further
reduce the voltage undershoot at the input.
OUT Bypass Capacitor
For stable operation over the full temperature range
and over the full-programmable current-limit range, use
a 1µF ceramic capacitor from OUT to ground.
Excessive output capacitance can cause a false over-
current condition due to decreased dv/dt across the
capacitor. Calculate the maximum capacitive load
(CMAX) value that can be connected to OUT using the
following formula:
For example, for VIN = 3.3V, tBLANK = 10ms, and ILIM =
300mA, CMAX equals 909µF.
Layout and Thermal Dissipation
To optimize the switch response time to output short-
circuit conditions, it is very important to keep all traces
as short as possible to reduce the effect of undesirable
parasitic inductance. Place input and output capacitors
as close as possible to the device (no more than 5mm).
IN and OUT must be connected with wide short traces
to the power bus. During normal operation, the power
dissipation is small and the package temperature
change is minimal. If the output is continuously shorted
to ground at the maximum supply voltage, the opera-
tion of the switches with the autoretry option does not
cause problems because the total power dissipated
during the short is scaled by the duty cycle:
Attention must be given to the MAX14523C continuous
current-limit version when the power dissipation during
a fault condition can cause the device to reach the ther-
mal shutdown threshold.
Chip Information
PROCESS: BiCMOS
P
VI
t
tt
MAX
IN MAX
OUT MAX
BLANK
RETRY
BLA
()
()
()
=
××
+
N
NK
CµF
ImA
t
ms
VV
MAX
LIM
BLANK MIN
IN
()
()
(
)
()
()
=
×
RSETI (k )
TYPICAL CURRENT LIMIT/THRESHOLD (mA)
91.78
1500
121
1145
221
632
301
466
422
333
563.12
250
(Open)
0
Table 2. Current Limit/Threshold vs.
Resistor Values
Pin Configuration
MAX14523A
MAX14523AL
MAX14523B
MAX14523C
1
+
TDFN
3mm x 3mm
N.C.
2
FLAG
3
SETI
4
OUT
8
GND
7
ON(ON)**
6
N.C.
5IN
*CONNECT EXPOSED PAD TO GND.
**( ) FOR THE MAX14523AL ONLY.
*EP
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 TDFN-EP
T833+2
21-0137
90-0059


Similar Part No. - MAX14523A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523AATA++ MAXIM-MAX14523AATA+ Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523AATA++ MAXIM-MAX14523AATA+ Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523AL MAXIM-MAX14523AL Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523ALATA++ MAXIM-MAX14523ALATA+ Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523ALATA++ MAXIM-MAX14523ALATA+ Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
More results

Similar Description - MAX14523A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com