Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14886CTL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14886CTL
Description  Dual DisplayPort Graphics Multiplexer with HDMI Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14886CTL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14886CTL Datasheet HTML 2Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 3Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 4Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 5Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 6Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 7Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 8Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 9Page - Maxim Integrated Products MAX14886CTL Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Dual DisplayPort Graphics Multiplexer
with HDMI Level Shifter
7
Detailed Description
The MAX14886 is a high-speed, low-skew, active
redriver multiplexer designed to switch and amplify
TMDS-formatted signals. Input buffers have 50I HDMI-
compliant terminations to VCC (see the Functional
Diagram/Truth Tables), allowing either DC-coupling to
an HDMI source or AC-coupling to a DisplayPort source.
Signals from the input buffers are multiplexed and
redriven by the limiting amplifier and an open-collector
output buffer. The HDMI monitor sink is DC-coupled to
the outputs and provides DC bias.
Both TMDS clock and data are multiplexed and redriven
to full HDMI v.1.4 levels with low skew and jitter to
guarantee mask compliance at an external HDMI con-
nector. The device is VESA DisplayPort Interoperability
Guideline v.1.1a-compliant and integrates seamlessly
with an external HDMI connector on the motherboard.
The low-frequency signals (DDC, CEC, and HPD) can be
handled by external low-cost logic.
The device accommodates differential inputs as low as
200mV and drives differential TMDS outputs to 1000mV
(typ). A precision resistor on the output level adjust pin
(ADJ) allows differential output back-termination resis-
tors of 400I (typ) to better meet HDMI mask jitter compli-
ance, while maintaining full TMDS swing requirements.
This device also features both active-high and active-
low enable inputs. One of the enable inputs can be
connected to either VCC or GND, while the other can be
used to control the device (see the Functional Diagram/
Truth Tables and Enable Inputs (EN1, EN2) section). This
eliminates any issues with logic sense and the need for
an inverter.
Level Translation
The device accepts two sets of four differential
DisplayPort-level TMDS-formatted inputs, each with
magnitudes as low as 200mV. The selected channel is
translated to full HDMI TMDS levels that are HDMI v.1.4
port mask-compliant up to 2.25Gbps.
Enable Inputs (EN1, EN2)
The device features both an active-high enable input
(EN1) and an active-low enable input (EN2) that can be
controlled by LVCMOS or LVTTL. EN1 has an internal
400kI (typ) pulldown resistor, and EN2 has an internal
400kI (typ) pullup resistor. When EN1 is driven low or
left unconnected, or EN2 is driven high or left uncon-
nected, the device enters low-power shutdown mode.
For normal operation drive both EN1 high and EN2 low.
See the Functional Diagram/Truth Tables.
Only one input is necessary to control the device. If
active-high enable is desired, connect EN2 to GND and
use EN1 to control the device. Similarly, for active-low
enable, connect EN1 to VCC and use EN2 to control the
device.
Note: The monitor sink termination must be present and
powered before enabling the device (see the Control
Sequence section and Figure 2).
Digital Control Input (SEL)
The device provides two sets of 4 channels for all the dif-
ferential signals required by HDMI connections. The SEL
input controls which channel is translated to the output
channel (see the Functional Diagram/Truth Tables). An
internal 400kI pulldown resistor guarantees that channel
A is translated to the output if the SEL pin is not externally
driven.
Output Level Adjust (ADJ)
The level-shifter’s output current and output signal swing
are set with an external ±1% precision 3.3kI (typ) resis-
tor. If a double output termination (400I typ) is desired
for signal integrity reasons, the ADJ resistor value can be
decreased to maintain a desired output swing (Figure 1).
Applications Information
HDMI Driver
The device’s high-speed, low-skew, active redriver
multiplexer is ideal for switching between outputs of
dual-graphics systems and signal conditioning to meet
HDMI v.1.4 compliance at an external HDMI connector
(Figure 1). It is well suited for switching between inte-
grated (e.g., Intel or AMD) and discrete graphics (e.g.,
NVIDIA or ATI GPU). The device is VESA DisplayPort
Interoperability Guideline v.1.1a-compliant (requires
external DDC logic) and integrates seamlessly with an
external HDMI connector on the motherboard.
Output Termination
Outputs are terminated in normal use by the HDMI moni-
tor. For 50I test equipment purposes, terminate each
output with a high-frequency bias-T that has an inductor
in series with a 50I resistor to VCC.
Control Sequence
The monitor sink termination must be present and pow-
ered before enabling the device. A simple circuit can
be added to protect the device by forcing hot-plug
detection (HPD) to be present before the part is enabled
(Figure 2).


Similar Part No. - MAX14886CTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1488 MAXIM-MAX1488 Datasheet
104Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 0; 8/95
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
MAX14882 MAXIM-MAX14882 Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
More results

Similar Description - MAX14886CTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
Pericom Semiconductor C...
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
STMicroelectronics
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
   AC coupled HDMI level shifter with configurable HPD output
December 2008 Rev 3
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com