Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP90R1K0C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP90R1K0C3
Description  CoolMOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP90R1K0C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP90R1K0C3 Datasheet HTML 1Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 2Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 3Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 4Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 5Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 6Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 7Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 8Page - Infineon Technologies AG IPP90R1K0C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPP90R1K0C3
Maximum ratings, at T J=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous diode forward current
I S
A
Diode pulse current
2)
I S,pulse
13
Reverse diode dv /dt
4)
dv /dt
4
V/ns
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.4
K/W
R thJA
leaded
-
-
62
Soldering temperature,
wavesoldering only allowed at leads
T sold
1.6 mm (0.063 in.)
from case for 10 s
-
-
260
°C
Electrical characteristics, at T J=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
900
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=0.37 mA
2.5
3
3.5
Zero gate voltage drain current
I DSS
V DS=900 V, V GS=0 V,
T j=25 °C
--
1
µA
V DS=900 V, V GS=0 V,
T j=150 °C
-10-
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=3.3 A,
T j=25 °C
-
0.78
1
V GS=10 V, I D=3.3 A,
T j=150 °C
-
2.1
-
Gate resistance
R G
f =1 MHz, open drain
-
1.3
-
Values
Thermal resistance, junction -
ambient
Value
T C=25 °C
3.3
Rev. 1.0
page 2
2008-07-29


Similar Part No. - IPP90R1K0C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP90R1K2C3 INFINEON-IPP90R1K2C3 Datasheet
299Kb / 10P
   CoolMOS??Power Transistor
Rev. 1.0 2008-07-30
More results

Similar Description - IPP90R1K0C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com