Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDH08S60C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDH08S60C
Description  2ndGeneration thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH08S60C Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDH08S60C Datasheet HTML 1Page - Infineon Technologies AG IDH08S60C Datasheet HTML 2Page - Infineon Technologies AG IDH08S60C Datasheet HTML 3Page - Infineon Technologies AG IDH08S60C Datasheet HTML 4Page - Infineon Technologies AG IDH08S60C Datasheet HTML 5Page - Infineon Technologies AG IDH08S60C Datasheet HTML 6Page - Infineon Technologies AG IDH08S60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDH08S60C
1 Power dissipation
2 Diode forward current
P tot=f(T C)
I F=f(T C); T j≤175 °C
parameter: RthJC(max)
parameter: R thJC(max); V F(max)
3 Typ. forward characteristic
4 Typ. forward characteristic in surge current
I F=f(V F); t p=400 µs
mode
parameter: T j
I F=f(V F); t p=400 µs; parameter: T j
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
175
200
T C [°C]
-55 °C
25 °C
100 °C
150 °C
175 °C
0
5
10
15
20
01
234
V F[V]
0
4
8
12
16
20
25
50
75
100
125
150
175
200
T C [°C]
-55 °C
25 °C
100 °C
150 °C
175 °C
0
20
40
60
80
02
468
V F [V]
Rev. 2.0
page 3
2009-06-02


Similar Part No. - IDH08S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH08S120 INFINEON-IDH08S120 Datasheet
607Kb / 6P
   thinQ SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH08SG60C INFINEON-IDH08SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH08SG60C INFINEON-IDH08SG60C Datasheet
552Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDH08SG60C INFINEON-IDH08SG60C_12 Datasheet
552Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
More results

Similar Description - IDH08S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDT03S60C INFINEON-IDT03S60C Datasheet
292Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH12S60C INFINEON-IDH12S60C Datasheet
250Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH16S60C INFINEON-IDH16S60C Datasheet
238Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDT02S60C INFINEON-IDT02S60C Datasheet
297Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH04S60C INFINEON-IDH04S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-07-03
IDH10S60C INFINEON-IDH10S60C Datasheet
242Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH05S60C INFINEON-IDH05S60C Datasheet
237Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH10S120 INFINEON-IDH10S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH15S120 INFINEON-IDH15S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH05S120 INFINEON-IDH05S120 Datasheet
241Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com