Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDW75E60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDW75E60
Description  600 V EmCon technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW75E60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDW75E60 Datasheet HTML 1Page - Infineon Technologies AG IDW75E60 Datasheet HTML 2Page - Infineon Technologies AG IDW75E60 Datasheet HTML 3Page - Infineon Technologies AG IDW75E60 Datasheet HTML 4Page - Infineon Technologies AG IDW75E60 Datasheet HTML 5Page - Infineon Technologies AG IDW75E60 Datasheet HTML 6Page - Infineon Technologies AG IDW75E60 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IDW75E60
Power Semiconductors
1
Rev. 2.1 Nov 09
Features:
600 V EmCon technology
Fast recovery
Soft switching
Low reverse recovery charge
Low forward voltage
175 °C junction operating temperature
Easy paralleling
Pb-free lead plating; RoHS compliant
Complete product spectrum and PSpice Models:
http://www.infineon.com/emcon/
Applications:
Welding
Motor drives
Type
VRRM
IF
VF,Tj=25°C
Tj,max
Marking
Package
IDW75E60
600V
75A
1.65V
175
°C
D75E60
PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
600
V
Continuous forward current
TC = 25°C
TC = 90°C
TC = 100°C
IF
120
82
75
A
Surge non repetitive forward current
TC = 25°C, tp = 10 ms, sine halfwave
IFSM
220
A
Maximum repetitive forward current
TC = 25°C, tp limited by tj,max, D = 0.5
IFRM
225
A
Power dissipation
TC = 25°C
TC = 90°C
TC = 100°C
Ptot
300
170
150
W
Operating junction and storage temperature
Tj, Tstg
-55…+175
°C
Soldering temperature
1.6mm (0.063 in.) from case for 10 s
TS
260
°C
A
C
PG-TO-247-3


Similar Part No. - IDW75E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW75E60 INFINEON-IDW75E60 Datasheet
164Kb / 6P
   Fast Switching EmCon Diode
Rev. 1.1 Mar 06
IDW75E60 INFINEON-IDW75E60_14 Datasheet
307Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.2 20.09.2013
More results

Similar Description - IDW75E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC14D60F6 INFINEON-SIDC14D60F6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC14D120E6 INFINEON-SIDC14D120E6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC23D120E6 INFINEON-SIDC23D120E6 Datasheet
246Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC30D120E6 INFINEON-SIDC30D120E6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D60E6 INFINEON-SIDC56D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D120F6 INFINEON-SIDC56D120F6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC02D60F6 INFINEON-SIDC02D60F6 Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC07D60AF6 INFINEON-SIDC07D60AF6 Datasheet
68Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC08D120F6 INFINEON-SIDC08D120F6 Datasheet
73Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC09D60E6 INFINEON-SIDC09D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 20.07.04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com