Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDW100E60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDW100E60
Description  Fast Switching EmCon Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW100E60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDW100E60_09 Datasheet HTML 1Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 2Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 3Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 4Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 5Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 6Page - Infineon Technologies AG IDW100E60_09 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IDW100E60
Power Semiconductors
1
Rev. 2.1 Nov 09
Fast Switching EmCon Diode
Features:
600 V EmCon technology
Fast recovery
Soft switching
Low reverse recovery charge
Low forward voltage
175 °C junction operating temperature
Easy paralleling
Pb-free lead plating; RoHS compliant
Complete product spectrum and PSpice Models:
http://www.infineon.com/emcon/
Applications:
Welding
Motor drives
Type
VRRM
IF
VF,Tj=25°C
Tj,max
Marking
Package
IDW100E60
600V
100A
1.65V
175
°C
D100E60
PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
600
V
Continuous forward current
TC = 25°C
TC = 90°C
TC = 100°C
IF
150
104
96
A
Surge non repetitive forward current
TC = 25°C, tp = 10 ms, sine halfwave
IFSM
400
A
Maximum repetitive forward current
TC = 25°C, tp limited by tj,max, D = 0.5
IFRM
300
A
Power dissipation
TC = 25°C
TC = 90°C
TC = 100°C
Ptot
375
212
198
W
Operating junction and storage temperature
Tj, Tstg
-55…+175
°C
Soldering temperature
1.6mm (0.063 in.) from case for 10 s
TS
260
°C
A
C
PG-TO-247-3


Similar Part No. - IDW100E60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW100E60 INFINEON-IDW100E60_14 Datasheet
303Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.3 20.09.2013
More results

Similar Description - IDW100E60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com