Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDW100E60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDW100E60
Description  Fast Switching EmCon Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW100E60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDW100E60 Datasheet HTML 1Page - Infineon Technologies AG IDW100E60 Datasheet HTML 2Page - Infineon Technologies AG IDW100E60 Datasheet HTML 3Page - Infineon Technologies AG IDW100E60 Datasheet HTML 4Page - Infineon Technologies AG IDW100E60 Datasheet HTML 5Page - Infineon Technologies AG IDW100E60 Datasheet HTML 6Page - Infineon Technologies AG IDW100E60 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDW100E60
Power Semiconductors
2
Rev. 2.1 Nov 09
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
Thermal resistance,
junction – case
RthJC
0.40
Thermal resistance,
junction – ambient
RthJA
40
K/W
Electrical Characteristic, at Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
VRRM
I R=0.25 mA
600
-
-
Diode forward voltage
VF
IF=100A
Tj=25°C
Tj=175°C
-
-
1.65
1.65
2.0
-
V
Reverse leakage current
IR
VR=600V
Tj=25°C
Tj=175°C
-
-
-
-
40
1000
µA
Dynamic Electrical Characteristics
Diode reverse recovery time
trr
-
120
-
ns
Diode reverse recovery charge
Qrr
-
3.6
-
µC
Diode peak reverse recovery current
Irr
-
49.5
-
A
Diode peak rate of fall of reverse
recovery current during tb
dIrr/dt
Tj=25°C
VR=400V,
IF=100A,
dIF/dt=1200A/µs
-
750
-
A/µs
Diode reverse recovery time
trr
-
168
-
ns
Diode reverse recovery charge
Qrrm
-
5.8
-
µC
Diode peak reverse recovery current
Irr
-
61.6
-
A
Diode peak rate of fall of reverse
recovery current during tb
dIrr/dt
Tj=125°C
VR=400V,
IF=100A,
dIF/dt=1200A/µs
-
705
-
A/µs
Diode reverse recovery time
trr
-
200
-
ns
Diode reverse recovery charge
Qrrm
-
7.8
-
µC
Diode peak reverse recovery current
Irr
-
67.0
-
A
Diode peak rate of fall of reverse
recovery current during tb
dIrr/dt
Tj=175°C
VR=400V,
IF=100A,
dIF/dt=1200A/µs
-
650
-
A/µs


Similar Part No. - IDW100E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW100E60 INFINEON-IDW100E60 Datasheet
165Kb / 6P
   Fast Switching EmCon Diode
Rev. 1.1 Mar 06
IDW100E60 INFINEON-IDW100E60_14 Datasheet
303Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.3 20.09.2013
More results

Similar Description - IDW100E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com