Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51-20PU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89LP51-20PU
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51-20PU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89LP51-20PU Datasheet HTML 1Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 2Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 3Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 4Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 5Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 6Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 7Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 8Page - ATMEL Corporation AT89LP51-20PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
4
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
1.5
Pin Description
Table 1-1.
AT89LP51/52 Pin Description
Pin Number
Symbol
Type
Description
TQFP
PLCC
PDIP
VQFN
1761
P1.5
I/O
I/O
P1.5: I/O Port 1 bit 5.
MOSI: SPI master-out/slave-in. In UART SPI mode this pin is an output. During In-
System Programming, this pin is an input.
2
8
72
P1.6
I/O
I/O
P1.6: I/O Port 1 bit 6.
MISO: SPI master-in/slave-out. In UART SPI mode this pin is an input. During In-
System Programming, this pin is an output.
39
8
3P1.7
I/O
I/O
P1.7: I/O Port 1 bit 7.
SCK: SPI Clock. In UART SPI mode this pin is an output. During In-System
Programming, this pin is an input.
4109
4
RST
I/O
RST: External Reset input (Reset polarity depends on POL pin. See “External Reset”
on page 32.). The RST pin can output a pulse when the internal Watchdog reset is
active.
511
105
P3.0
I/O
I
P3.0: I/O Port 3 bit 0.
RXD: Serial Port Receiver Input.
6
12
6
NC
Not internally connected
713
117
P3.1
I/O
O
P3.1: I/O Port 3 bit 1.
TXD: Serial Port Transmitter Output.
8
14
12
8
P3.2
I/O
I
P3.2: I/O Port 3 bit 2.
INT0: External Interrupt 0 Input or Timer 0 Gate Input.
915
139
P3.3
I/O
I
P3.3: I/O Port 3 bit 3.
INT1: External Interrupt 1 Input or Timer 1 Gate Input
10
16
14
10
P3.4
I/O
I/O
P3.4: I/O Port 3 bit 4.
T1: Timer/Counter 0 External input or output.
11
17
15
1
P3.5
I/O
I/O
P3.5: I/O Port 3 bit 5.
T1: Timer/Counter 1 External input or output.
12
18
16
12
P3.6
I/O
O
P3.6: I/O Port 3 bit 6.
WR: External memory interface Write Strobe (active-low).
13
19
17
13
P3.7
I/O
O
P3.7: I/O Port 3 bit 7.
RD: External memory interface Read Strobe (active-low).
14
20
18
14
P4.7
I/O
O
P4.7: I/O Port 4 bit 7.
XTAL2: Output from inverting oscillator amplifier. It may be used as a port pin if the
internal RC oscillator or external clock is selected as the clock source.
15
21
19
15
P4.6
I/O
I
P4.6: I/O Port 4 bit 6.
XTAL1: Input to the inverting oscillator amplifier and internal clock generation circuits.
It may be used as a port pin if the internal RC oscillator is selected as the clock
source.
16
22
20
16
GND
I
Ground
17
23
17
NC
Not internally connected
18
24
21
18
P2.0
I/O
O
P2.0: I/O Port 2 bit 0.
A8: External memory interface Address bit 8.
19
25
22
19
P2.1
I/O
O
P2.1: I/O Port 2 bit 1.
A9: External memory interface Address bit 9.
20
26
23
20
P2.1
I/O
O
P2.2: I/O Port 2 bit 2.
A10: External memory interface Address bit 10.


Similar Part No. - AT89LP51-20PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51-20PU ATMEL-AT89LP51-20PU Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT89LP51-20PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com