Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5774 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA5774
Description  Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5774 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA5774 Datasheet HTML 1Page - ATMEL Corporation ATA5774 Datasheet HTML 2Page - ATMEL Corporation ATA5774 Datasheet HTML 3Page - ATMEL Corporation ATA5774 Datasheet HTML 4Page - ATMEL Corporation ATA5774 Datasheet HTML 5Page - ATMEL Corporation ATA5774 Datasheet HTML 6Page - ATMEL Corporation ATA5774 Datasheet HTML 7Page - ATMEL Corporation ATA5774 Datasheet HTML 8Page - ATMEL Corporation ATA5774 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 219 page
background image
General Features
Atmel® AVR® Microcontroller and RF Transmitter PLL in a Single QFN24 5mm
× 5mm
Package (Pitch 0.65 mm)
– Operating Frequency Ranges 310MHz to 350MHz, 429MHz to 439MHz and 868MHz
to 928MHz
Temperature Range –40°C to +85°C
Supply Voltage 2.0V to 3.6V Allowing usage of Single Li-cell Power Supply
Low Power Consumption
– Active Mode: Typical 9.8mA at 3.0V and 4MHz Microcontroller-clock
– Power-down Mode: Typical 200nA at 3.0V
Modulation Scheme ASK/FSK
Integrated PLL Loop Filter
Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
Single-ended Antenna Output with High Efficient Power Amplifier
Very Robust ESD Protection: HBM 2500V, MM100V, CDM 1000V
High Performance, Low Power AVR 8-bit Microcontroller
Advanced RISC Architecture
Non-volatile Program and Data Memories
– 4KBytes of In-system Programmable Program Memory Flash
– 256Bytes In-system Programmable EEPROM
– 256Bytes Internal SRAM
Programming Lock for Self-programming Flash Program and EEPROM Data Security
Peripheral Features
– Two Timer/Counter, 8- and 16-bit Counters with Two PWM Channels on Both
– 10-bit ADC
– On-chip Analog Comparator
– Programmable Watchdog Timer with Separate On-chip Oscillator
– Universal Serial Interface (USI)
Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-system Programmable via SPI Port
– External and Internal Interrupt Sources
– Pin Change Interrupt on 12 Pins
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated Oscillator
– On-chip Temperature Sensor
12 Programmable I/O Lines
UHF ASK/FSK
Transmitter with
the Atmel AVR
Microcontroller
Atmel
ATA5771/73/74
9137E–RKE–12/10


Similar Part No. - ATA5774

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5774 ATMEL-ATA5774 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774 ATMEL-ATA5774 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774-PXQW ATMEL-ATA5774-PXQW Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774-PXQW ATMEL-ATA5774-PXQW Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATA5774

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
   High output power at 850nm
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
   AT Crystal 16 MHz - 40 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
   AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
   AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
   AT Crystal 14 MHz - 40 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
   AT Crystal 16 MHz - 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com