Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5774 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5774
Description  Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5774 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5774 Datasheet HTML 7Page - ATMEL Corporation ATA5774 Datasheet HTML 8Page - ATMEL Corporation ATA5774 Datasheet HTML 9Page - ATMEL Corporation ATA5774 Datasheet HTML 10Page - ATMEL Corporation ATA5774 Datasheet HTML 11Page - ATMEL Corporation ATA5774 Datasheet HTML 12Page - ATMEL Corporation ATA5774 Datasheet HTML 13Page - ATMEL Corporation ATA5774 Datasheet HTML 14Page - ATMEL Corporation ATA5774 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 219 page
background image
11
9137E–RKE–12/10
Atmel ATA5771/73/74
4.
Microcontroller Block
These data are referred to the data base of microcontroller Atmel ATtiny44V.
4.1
Overview
The ATtiny44V is a low-power CMOS 8-bit microcontroller based on the Atmel AVR
®
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
ATtiny44V achieves throughputs approaching 1 MIPS per MHz allowing the system designer
to optimize power consumption versus processing speed.
4.2
Block Diagram
Figure 4-1.
Block Diagram
WATCHDOG
TIMER
MCU CONTROL
REGISTER
TIMER/
COUNTER0
DATA DIR.
REG.PORT A
DATA REGISTER
PORT A
PROGRAMMING
LOGIC
TIMING AND
CONTROL
MCU STATUS
REGISTER
PORT A DRIVERS
PA7-PA0
VCC
GND
8-BIT DATABUS
ADC
ISP INTERFACE
INTERRUPT
UNIT
EEPROM
INTERNAL
OSCILLATOR
OSCILLATORS
CALIBRATED
OSCILLATOR
INTERNAL
DATA DIR.
REG.PORT B
DATA REGISTER
PORT B
PORT B DRIVERS
PB3-PB0
PROGRAM
COUNTER
STACK
POINTER
PROGRAM
FLASH
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
STATUS
REGISTER
Z
Y
X
ALU
CONTROL
LINES
TIMER/
COUNTER1


Similar Part No. - ATA5774

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5774 ATMEL-ATA5774 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774 ATMEL-ATA5774 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774-PXQW ATMEL-ATA5774-PXQW Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5774-PXQW ATMEL-ATA5774-PXQW Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATA5774

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
   High output power at 850nm
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
   AT Crystal 16 MHz - 40 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
   AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
   AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
   AT Crystal 14 MHz - 40 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
   AT Crystal 16 MHz - 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com