Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP10N60T Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKP10N60T
Description  TrenchStop Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP10N60T Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKP10N60T_07 Datasheet HTML 4Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 5Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 6Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 7Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 8Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 9Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 10Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 11Page - Infineon Technologies AG IKP10N60T_07 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IKP10N60T
TrenchStop® Series
p
Power Semiconductors
8
Rev. 2.3 Sep. 07
0nC
20nC
40nC
60nC
0V
5V
10V
15V
480V
120V
0V
10V
20V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC=10 A)
Figure 18. Typical capacitance as a function
of collector-emitter voltage
(VGE=0V, f = 1 MHz)
12V
14V
16V
18V
0A
25A
50A
75A
100A
125A
150A
10V
11V
12V
13V
14V
0µs
2µs
4µs
6µs
8µs
10µs
12µs
VGE, GATE-EMITTETR VOLTAGE
VGE, GATE-EMITETR VOLTAGE
Figure 19. Typical short circuit collector
current as a function of gate-
emitter voltage
(VCE ≤ 400V, Tj ≤ 150°C)
Figure 20. Short circuit withstand time as a
function of gate-emitter voltage
(VCE=600V, start at TJ=25°C,
TJmax<150°C)


Similar Part No. - IKP10N60T_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP10N60T INFINEON-IKP10N60T_15 Datasheet
458Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
More results

Similar Description - IKP10N60T_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW15T120 INFINEON-IGW15T120_09 Datasheet
353Kb / 12P
   TrenchStop Series
Rev. 2.5 Nov. 09
IKW15T120 INFINEON-IKW15T120_08 Datasheet
369Kb / 15P
   TrenchStop Series
Rev. 2.3 Sep 08
IKW25T120 INFINEON-IKW25T120 Datasheet
450Kb / 15P
   TRENCHSTOP SERIES
Rev. 1 Jul-02
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
logo
Vincotech
10-0B06PRA004RC-L022C09 VINCOTECH-10-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
logo
Infineon Technologies A...
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
logo
Vishay Siliconix
VS-50MT060TFT VISHAY-VS-50MT060TFT Datasheet
532Kb / 9P
   Full Bridge TrenchStop IGBT, MTP Power Modules
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com