Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW15T120 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKW15T120
Description  TrenchStop Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW15T120 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKW15T120 Datasheet HTML 3Page - Infineon Technologies AG IKW15T120 Datasheet HTML 4Page - Infineon Technologies AG IKW15T120 Datasheet HTML 5Page - Infineon Technologies AG IKW15T120 Datasheet HTML 6Page - Infineon Technologies AG IKW15T120 Datasheet HTML 7Page - Infineon Technologies AG IKW15T120 Datasheet HTML 8Page - Infineon Technologies AG IKW15T120 Datasheet HTML 9Page - Infineon Technologies AG IKW15T120 Datasheet HTML 10Page - Infineon Technologies AG IKW15T120 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IKW15T120
TrenchStop® Series
Power Semiconductors
7
Rev. 2.3 Sep 08
0A
10A
20A
1ns
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
10Ω
35Ω
60Ω
85Ω
110Ω
1ns
10ns
100ns
1µs
t
f
t
r
t
d(off)
t
d(on)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, RG=56Ω,
Dynamic test circuit in Figure E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load, TJ=150°C,
VCE=600V, VGE=0/15V, IC=15A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
10ns
100ns
t
r
t
f
t
d(on)
t
d(off)
-50°C
0°C
50°C
100°C
150°C
0V
1V
2V
3V
4V
5V
6V
7V
min.
typ.
max.
TJ, JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load, VCE=600V,
VGE=0/15V, IC=15A, RG=56Ω,
Dynamic test circuit in Figure E)
Figure 12. Gate-emitter threshold voltage as
a function of junction temperature
(IC = 0.6mA)


Similar Part No. - IKW15T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW15T120 INFINEON-IKW15T120 Datasheet
450Kb / 15P
   LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE
Rev. 1 Jul-02
More results

Similar Description - IKW15T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW15T120 INFINEON-IGW15T120_09 Datasheet
353Kb / 12P
   TrenchStop Series
Rev. 2.5 Nov. 09
IKW25T120 INFINEON-IKW25T120 Datasheet
450Kb / 15P
   TRENCHSTOP SERIES
Rev. 1 Jul-02
IKP10N60T INFINEON-IKP10N60T_07 Datasheet
352Kb / 13P
   TrenchStop Series
Rev. 2.3 Sep. 07
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
logo
Vincotech
10-0B06PRA004RC-L022C09 VINCOTECH-10-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
logo
Infineon Technologies A...
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
logo
Vishay Siliconix
VS-50MT060TFT VISHAY-VS-50MT060TFT Datasheet
532Kb / 9P
   Full Bridge TrenchStop IGBT, MTP Power Modules
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com