Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32924 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AVR32924
Description  One mechanical button switch Three LEDs Four expansion headers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32924 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AVR32924 Datasheet HTML 2Page - ATMEL Corporation AVR32924 Datasheet HTML 3Page - ATMEL Corporation AVR32924 Datasheet HTML 4Page - ATMEL Corporation AVR32924 Datasheet HTML 5Page - ATMEL Corporation AVR32924 Datasheet HTML 6Page - ATMEL Corporation AVR32924 Datasheet HTML 7Page - ATMEL Corporation AVR32924 Datasheet HTML 8Page - ATMEL Corporation AVR32924 Datasheet HTML 9Page - ATMEL Corporation AVR32924 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
AVR32924
32156A-AVR-01/11
4.2 I/O expansion headers
There are four available I/O expansion headers on the kit. Because of the low pin
count on the device, the I/O expansion header pins are shared with onboard
functionality. If “clean” expansion ports are needed, cut-straps are available on some
of the ADC inputs. Otherwise, it is only needed to remove a series resistor to remove
onboard functionality. Table 4-2 show what is shared on the respective header pins.
Table 4-2. UC3 I/O expansion header – J1.
Pin
J1
UC3 pin
Shared with onboard functionality
1
TWI SDA
PA21
Header J4, board controller
2
TWI SCL
PB05
Header J4, board controller
3
UART RX
PB11
Header J4
4
UART TX
PB10
Header J4
5
SPI CS1
PA08
-
6
SPI MOSI
PB03
Header J4, DataFlash®
7
SPI MISO
PB02
Header J4, DataFlash
8
SPI SCK
PB01
Header J4, DataFlash
9
GND
-
-
10
VCC_P3V3
-
-
Table 4-3. UC3 I/O expansion header – J2.
Pin
J2
UC3 pin
Shared with onboard functionality
1
ADC0
(1)
PA14
RC filter output
2
ADC1
(2)
PA15
QMatrix slider X0
3
ADC2
(1)
PA16
Shorted to GND
4
ADC4
(1)
PA18
NTC
5
ADC7
PB07
-
6
ADC8
(2)
PB08
QMatrix slider X3
7
ADC6
PB06
-
8
ADC5
(2)
PB19
QMatrix slider X1
9
GND
-
-
10
VCC_ANA_P3V3
-
-
Notes:
1. ADC channels can be disconnected from onboard functions by cutting the
available cut-straps on the bottom side of the board.
2. ADC channels are shared with the Atmel QMatrix slider. Remove resistors on the
lines to separate the sensors from the ADC.


Similar Part No. - AVR32924

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
AVR32919 ATMEL-AVR32919 Datasheet
7Mb / 41P
   512KBytes internal flash, 256KBytes internal RAM
More results

Similar Description - AVR32924

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Cypress Semiconductor
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Molex Electronics Ltd.
130126-0016 MOLEX11-130126-0016 Datasheet
23Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX11-1301260016 Datasheet
48Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX1-1301260016_17 Datasheet
37Kb / 1P
   Watertite Four Button Pendant Enclosure
logo
PREMO CORPORATION S.L
FVSB PREMO-FVSB Datasheet
249Kb / 2P
   Three Phase One Stage
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
logo
Alliance Semiconductor ...
AS8C803601 ALSC-AS8C803601 Datasheet
2Mb / 21P
   Three chip enables for simple depth expansion
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
   Mechanical Key Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com