Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2119RU Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2119RU
Description  LCD controllers/drivers Single-chip LCD controller and driver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2119RU Datasheet HTML 6Page - NXP Semiconductors PCF2119RU Datasheet HTML 7Page - NXP Semiconductors PCF2119RU Datasheet HTML 8Page - NXP Semiconductors PCF2119RU Datasheet HTML 9Page - NXP Semiconductors PCF2119RU Datasheet HTML 10Page - NXP Semiconductors PCF2119RU Datasheet HTML 11Page - NXP Semiconductors PCF2119RU Datasheet HTML 12Page - NXP Semiconductors PCF2119RU Datasheet HTML 13Page - NXP Semiconductors PCF2119RU Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
10 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
8.4 LCD supply voltage generator
The LCD supply voltage may be generated on-chip. The VLCD generator is controlled by
two internal 6-bit registers: VA and VB. Register VA is programmed with the voltage for
character mode and register VB with the voltage for icon mode.
The nominal LCD operating voltage at room temperature is given by Equation 2:
(2)
Where Vx is the integer value of the register VA or VB.
It should be noted that VLCD is sometimes referred as the LCD operating voltage (Voper).
8.4.1 Programming ranges
Possible values for VA and VB are between 0 to 63.
V
LCD nom
()
V
x
0.08
1.82
+
×
=
Table 5.
Values of VA and VB and the corresponding VLCD values
All values at Tref =27 °C; allowed values are highlighted.
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
0
VLCD switched off
22
3.58
44
5.34
11.90
23
3.66
45
5.42
21.98
24
3.74
46
5.50
32.06
25
3.82
47
5.58
42.14
26
3.90
48
5.66
5
2.2227
3.9849
5.74
6
2.3028
4.0650
5.82
7
2.3829
4.1451
5.90
8
2.4630
4.2252
5.98
9
2.5431
4.3053
6.06
10
2.62
32
4.38
54
6.14
11
2.70
33
4.46
55
6.22
12
2.78
34
4.54
56
6.30
13
2.86
35
4.62
57
6.38
14
2.94
36
4.70
58
6.46
15
3.02
37
4.78
59
6.54
16
3.10
38
4.86
60
6.62
17
3.18
39
4.94
61
6.70
18
3.26
40
5.02
62
6.78
19
3.34
41
5.10
63
6.86
20
3.42
42
5.18
21
3.50
43
5.26


Similar Part No. - PCF2119RU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119RU NXP-PCF2119RU Datasheet
862Kb / 107P
   Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2119RU/2 PHILIPS-PCF2119RU/2 Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119RU/2/F2 NXP-PCF2119RU/2/F2 Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
More results

Similar Description - PCF2119RU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
logo
Sanyo Semicon Device
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com