Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5587 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5587
Description  Mobile I/O Expander and QWERTY Keypad Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587 Datasheet(HTML) 3 Page - Analog Devices

  ADP5587 Datasheet HTML 1Page - Analog Devices ADP5587 Datasheet HTML 2Page - Analog Devices ADP5587 Datasheet HTML 3Page - Analog Devices ADP5587 Datasheet HTML 4Page - Analog Devices ADP5587 Datasheet HTML 5Page - Analog Devices ADP5587 Datasheet HTML 6Page - Analog Devices ADP5587 Datasheet HTML 7Page - Analog Devices ADP5587 Datasheet HTML 8Page - Analog Devices ADP5587 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP5587
Rev. B | Page 3 of 24
SPECIFICATIONS
TA = TJ = −40°C to +85°C, unless otherwise noted.
DC CHARACTERISTICS
Table 1. General DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VCC Input Voltage Range
VCC
1.65
3.6
V
Supply Current1
ICC
VCC = 1.8 V to 3.0 V, TA = −40°C to +85°C
1
10
μA
With One Key Press
ICC
VCC = 1.8 V, TA = −40°C to +85°C
55
90
μA
ICC
VCC = 3.0 V, TA = −40°C to +85°C
100
200
μA
With GPI Low (Pull-Up Enabled)2
ICC
VCC = 1.8 V to 3.0 V, TA = −40°C to +85°C
20
50
μA
With GPI Low (Pull-Up Disabled)
ICC
VCC = 1.8 V to 3.0 V, TA = −40°C to +85°C
2
10
μA
With One GPO Active3
ICC
VCC = 1.8 V, TA = −40°C to +85°C
50
μA
OSCILLATOR CURRENT
Oscillator Current (Enabled)
ICC
VCC = 1.8 V to 3.0 V
40
μA
1
Operating current measured with I/Os defaulting as GPIs, with all pull-ups enabled and all inputs open.
2
With one GPI low.
3
Load = 100 kΩ.
Table 2. I/O DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT LOGIC LEVELS (SCL, SDA, RST, C0 to C9, R0 to R7)1
Logic Low Input Voltage
VIL
1.8 V ≤ VIO ≤ 3.0 V
0.3 × VCC
V
Logic High Input Voltage
VIH
1.8 V ≤ VIO ≤ 3.0 V
0.7 × VCC
V
Schmitt Trigger Hysteresis
VHYST
0.10
V
Input Leakage Current
VI-LEAKAGE
1.8 V ≤ VIO ≤ 3.0 V
−1
+1
µA
OUTPUT LOGIC LEVELS (C0 to C9, R0 to R7)
Logic Low Output Voltage
VOL
ISINK = 1 mA
0.40
V
Output High Voltage
VOH
ISOURCE = 1 mA
VCC − 0.3 V
V
OUTPUT LOGIC LEVELS (INT, SDA)
Output Low Voltage
VOL
ISINK = 3 mA,
1.8 V ≤ VCC ≤ 3.0 V
0.40
V
Output High Voltage
VOH
1.8 V ≤ VCC ≤ 3.0 V
0.7 × VCC
V
Logic High Leakage Current
VO-LEAKAGE
1.8 V ≤ VCC ≤ 3.0 V
0.1
1
µA
PULL-UP RESISTANCE FOR GPIOs (C0 to C9, R0 to R7)2
RPULL-UP
100
1
Power-up default current. All I/Os default to GPIs and are open; C8 and C9 default to GPIs; I2C is idle.
2
GPIO internal pull-ups are approximately 100 kΩ.
Table 3. Capacitance Loading1
Parameter
Symbol
Min
Typ
Max
Unit
I/O Input Capacitance
CIN
1
10
pF
I/O Output Loading Capacitance
COUT
50
pF
Capacitive Load for Each Bus Line
CB2
400
pF
1
Guaranteed by design.
2
CB = total capacitance of one bus line in picofarads.


Similar Part No. - ADP5587

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587ACBZ-R7 AD-ADP5587ACBZ-R7 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587ACPZ-1-R7 AD-ADP5587ACPZ-1-R7 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587ACPZ-R7 AD-ADP5587ACPZ-R7 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results

Similar Description - ADP5587

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
REV. B
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
Rev. C
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
   2-Wire Serial I/O Expander and Fan Controller
logo
Analog Devices
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com