Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2500N Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # N2500N
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N2500N Datasheet(HTML) 7 Page - Renesas Technology Corp

  N2500N Datasheet HTML 1Page - Renesas Technology Corp N2500N Datasheet HTML 2Page - Renesas Technology Corp N2500N Datasheet HTML 3Page - Renesas Technology Corp N2500N Datasheet HTML 4Page - Renesas Technology Corp N2500N Datasheet HTML 5Page - Renesas Technology Corp N2500N Datasheet HTML 6Page - Renesas Technology Corp N2500N Datasheet HTML 7Page - Renesas Technology Corp N2500N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D19677EJ1V1DS
5
N2500N
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
2
4
6
8
10
12
-75
-25
25
75
125
175
ID = 0.25 A
Pulsed
VGS = 4.5 V
2.5 V
2.0 V
Tch - Channel Temperature -
°C
0.1
1
10
100
1000
0.1
1
10
100
1000
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
0.1
1
10
VDD = 125 V
VGS = 4.5 V
RG = 10
Ω
td(on)
tf
tr
td(off)
ID - Drain Current - A
0
40
80
120
160
200
240
012
3456
0
1
2
3
4
5
6
ID = 0.5 A
VGS
VDS
VDD = 200 V
125 V
50 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
0 V
VGS = 4.5 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
0.1
1
10
VGS = 0 V
di/dt = 100 A/
μs
IF - Diode Forward Current - A


Similar Part No. - N2500N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N250012 TRIPPLITE-N250012 Datasheet
495Kb / 2P
   12-Port Cat6/Cat5 Wall-Mount Vertical 110 Patch Panel
N250024LP TRIPPLITE-N250024LP Datasheet
486Kb / 2P
   24-Port Cat6/Cat5 Low Profile Feed-Through Patch Panel, 1U Rack-Mount/Wall-Mount
More results

Similar Description - N2500N

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com