Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYCL-S18X16B2 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYCL-S18X16B2
Description  OUTDOOR LAMP CLUSTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYCL-S18X16B2 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYCL-S18X16B2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S18X16B2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S18X16B2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
OUTDOOR LAMP CLUSTER
PartNO.:FYCL-S18*16Axx
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
■ Description:
·Color Code & Chip characteristics: (Test Condition: IF=20mA)
Forward
Voltage(VF)
Unit:V
Emitting Color
Dice
Material
Peak Wave
Length(λ
λλλ
P
)
Spectral
Line
halfwidth(
λλλλ1/2)
Typ
Max
Luminous
Intensity
(Iv)
Unit:mcd
H
Red
GaP
700nm
90nm
2.20
2.50
5.0
S,
SR
Hi Red
AlGaAs,SH
660nm
20nm
1.80
2.20
15-20
D
Super Red
AlGaAs,DH
660nm
20nm
1.80
2.20
20-30
LR
Ultra Red
AlGaAs,DDH
660nm
20nm
1.90
2.40
26-38
HR
HE Red
GaAsP
640nm
45nm
1.90
2.40
50-80
E
Orange
GaAsP
630nm
35nm
2.10
2.50
10-20
A
Amber
GaAsP
610nm
35nm
2.10
2.50
15-20
Y
Yellow
GaAsP
590nm
35nm
2.10
2.50
15-20
G
Green
GaP
570nm
30nm
2.20
2.50
14-18
Ultra brightness
UH
R
Ultra Hi
Red
AlGaInP
645nm
20nm
2.10
2.50
80-150
UE
Ultra
Orange
AlGaInP
630nm
20nm
2.10
2.50
180-210
UA
Ultra
Amber
AlGaInP
610nm
20nm
2.10
2.50
90-120
UY
Ultra
Yellow
AlGaInP
590nm
20nm
2.10
2.50
150-200
UG
Ultra
Green
AlGaInP
570nm
30nm
2.20
2.50
60-100
PG
Ultra Pure
Green
InGaN
520nm
36nm
2.80
3.80
260-310
BG
Ultra Blue
Green
InGaN
505nm
36nm
2.80
3.80
260-310
B
Blue
InGaN
430nm
30nm
2.80
3.80
10-20
470nm
30nm
2.80
3.80
80-90
UB
Ultra Blue
InGaN
460nm
30nm
2.80
3.80
80-90
V
UV
InGaN
405nm
2.80
3.80
5-8
W
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200
U
W
Ultra
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1


Similar Part No. - FYCL-S18X16B2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-S11.4X64A FORYARD-FYCL-S11.4X64A Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S11.4X64A0 FORYARD-FYCL-S11.4X64A0 Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S11.4X64A1 FORYARD-FYCL-S11.4X64A1 Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S11.4X64A2 FORYARD-FYCL-S11.4X64A2 Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S11.4X64A3 FORYARD-FYCL-S11.4X64A3 Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
More results

Similar Description - FYCL-S18X16B2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-R19AXX FORYARD-FYCL-R19AXX Datasheet
212Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S19AXX FORYARD-FYCL-S19AXX Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S114X64A FORYARD-FYCL-S114X64A Datasheet
317Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S21A FORYARD-FYCL-S21A Datasheet
319Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-R15AXX FORYARD-FYCL-R15AXX Datasheet
289Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S28AXX FORYARD-FYCL-S28AXX Datasheet
217Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-R52AXX FORYARD-FYCL-R52AXX Datasheet
108Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S26AXX FORYARD-FYCL-S26AXX Datasheet
462Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-R26AXX FORYARD-FYCL-R26AXX Datasheet
259Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S15AXX FORYARD-FYCL-S15AXX Datasheet
299Kb / 4P
   OUTDOOR LAMP CLUSTER
FYCL-S39AXX FORYARD-FYCL-S39AXX Datasheet
112Kb / 3P
   OUTDOOR LAMP CLUSTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com