Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC11C14FBD48 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC11C14FBD48
Description  32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11C14FBD48 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC11C14FBD48 Datasheet HTML 4Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 5Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 6Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 7Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 8Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 9Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 10Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 11Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
LPC11CX2_CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 3 December 2010
8 of 61
NXP Semiconductors
LPC11Cx2/Cx4
32-bit ARM Cortex-M0 microcontroller
R/PIO0_11/
AD0/
CT32B0_MAT3
32[5]
yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
PIO1_0 to PIO1_11
Port 1 — Port 1 is a 12-bit I/O port with individual direction and
function controls for each bit. The operation of port 1 pins depends
on the function selected through the IOCONFIG register block.
R/PIO1_0/AD1/
CT32B1_CAP0
33[5]
yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/AD2/
CT32B1_MAT0
34[5]
no
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/AD3/
CT32B1_MAT1
35[5]
no
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_2 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/
AD4/
CT32B1_MAT2
39[5]
no
I/O
I; PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
I-
AD4 — A/D converter, input 4.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/AD5/
CT32B1_MAT3/
WAKEUP
40[5]
no
I/O
I; PU
PIO1_4 — General purpose digital input/output pin with 10 ns glitch
filter.
I-
AD5 — A/D converter, input 5.
O-
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
I-
WAKEUP — Deep power-down mode wake-up pin with 20 ns glitch
filter. This pin must be pulled HIGH externally to enter Deep
power-down mode and pulled LOW to exit Deep power-down mode.
A LOW-going pulse as short as 50 ns wakes up the part.
PIO1_5/RTS/
CT32B0_CAP0
45[3]
no
I/O
I; PU
PIO1_5 — General purpose digital input/output pin.
O-
RTS — Request To Send output for UART.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
46[3]
no
I/O
I; PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
Table 3.
LPC11C12/C14 pin description table
Symbol
Pin
Start
logic
inputs
Type
Reset
state
[1]
Description


Similar Part No. - LPC11C14FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C14FBD48 NXP-LPC11C14FBD48 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11C14FBD48-301 NXP-LPC11C14FBD48-301 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
LPC11C14FBD48-301 NXP-LPC11C14FBD48-301 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11C14FBD48/301 NXP-LPC11C14FBD48/301 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11C14FBD48/301 NXP-LPC11C14FBD48/301 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results

Similar Description - LPC11C14FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com