Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1850FET256 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1850FET256
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850FET256 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1850FET256 Datasheet HTML 7Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 8Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 9Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 10Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 11Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 12Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 13Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 14Page - NXP Semiconductors LPC1850FET256 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
11 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P3_0[2]
F13
<tbd>
I/O
I2S_RX_SCK — Receive Clock. It is driven by the master and received by the
slave. Corresponds to the signal SCK in the I2S-bus specification.
O
I2S_RX_MCLK — I2S receive master clock.
I/O
I2S_TX_SCK — I2S transmit clock. It is driven by the master and received by
the slave. Corresponds to the signal SCK in the I2S-bus specification.
O
I2S_TX_MCLK — I2S transmit master clock.
P3_1[2]
G11
<tbd>
I/O
I2S_TX_WS — Transmit Word Select. It is driven by the master and received
by the slave. Corresponds to the signal WS in the I2S-bus specification.
I/O
I2S_RX_WS — Receive Word Select. It is driven by the master and received
by the slave. Corresponds to the signal WS in the I2S-bus specification.
I
CAN1_RD — CAN1 receiver input.
O
USB1_IND1 — USB1 port indicator LED control output 1.
P3_2[2]
F11
<tbd>
I/O
I2S_TX_SDA — I2S transmit data. It is driven by the transmitter and read by
the receiver. Corresponds to the signal SD in the I2S-bus specification.
I/O
I2S_RX_SDA — I2S Receive data. It is driven by the transmitter and read by
the receiver. Corresponds to the signal SD in the I2S-bus specification.
O
CAN1_TD — CAN1 transmitter output.
O
USB1_IND0 — USB1 port indicator LED control output 0.
P3_3[2]
B14
<tbd>
-
n.c.
-n.c.
I/O
SSP0_SCK — Serial clock for SSP0.
O
SPIFI_SCK — Serial clock for SPIFI.
P3_4[2]
A15
I; PU
I/O
GPIO1[14] — General purpose digital input/output pin.
-n.c.
-n.c.
I/O
SPIFI_SIO3 — I/O lane 3 for SPIFI.
P3_5[2]
C12
I; PU
I/O
GPIO1[15] — General purpose digital input/output pin.
-n.c.
-n.c.
I/O
SPIFI_SIO2 — I/O lane 2 for SPIFI.
P3_6[2]
B13
I; PU
I/O
GPIO0[6] — General purpose digital input/output pin.
-n.c.
I/O
SSP0_SSEL — Slave Select for SSP0.
I/O
SPIFI_MISO — Input I1 in SPIFI quad mode; SPIFI output IO1.
P3_7[2]
C11
<tbd>
-
n.c.
-n.c.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
I/O
SPIFI_MOSI — Input I0 in SPIFI quad mode; SPIFI output IO0.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description


Similar Part No. - LPC1850FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850FET256 NXP-LPC1850FET256 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results

Similar Description - LPC1850FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850_1112 PHILIPS-LPC1850_1112 Datasheet
2Mb / 157P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com