Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2353T1G-E4-A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPA2353T1G-E4-A
Description  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2353T1G-E4-A Datasheet(HTML) 7 Page - Renesas Technology Corp

  UPA2353T1G-E4-A Datasheet HTML 1Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 2Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 3Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 4Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 5Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 6Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 7Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 8Page - Renesas Technology Corp UPA2353T1G-E4-A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet G19315EJ1V0DS
5
μPA2353
SOURCE CURRENT vs.
SOURCE TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
TEST CIRCUIT 5
Pulsed
VGS = 4.5 V
2.5 V
1.8 V
3.1 V
VSS - Source to Source Voltage - V
0.001
0.01
0.1
1
10
100
00.5
11.5
22.5
TEST CIRCUIT 3
VSS = 10 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
SOURCE CURRENT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
TEST CIRCUIT 3
VSS = 10 V
IS = 1.0 mA
Tch - Channel Temperature -
°C
0.1
1
10
100
0.01
0.1
1
10
TEST CIRCUIT 4
VSS = 10 V
Pulsed
TA =
−25°C
25
°C
75
°C
125
°C
IS - Source Current - A
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
SOURCE CURRENT
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
TEST CIRCUIT 5
Pulsed
VGS = 3.1 V
4.5 V
VGS = 1.8 V
2.5 V
IS - Source Current - A
0
10
20
30
40
50
60
70
012345
67
TEST CIRCUIT 5
IS = 3.0 A
Pulsed
VGS - Gate to Source Voltage - V


Similar Part No. - UPA2353T1G-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2350 RENESAS-UPA2350 Datasheet
417Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
2006
UPA2350B RENESAS-UPA2350B Datasheet
445Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2008
UPA2350BT1G-E4-A RENESAS-UPA2350BT1G-E4-A Datasheet
445Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2008
UPA2350BT1P RENESAS-UPA2350BT1P Datasheet
440Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2009
UPA2350BT1P-E4-A RENESAS-UPA2350BT1P-E4-A Datasheet
440Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2009
More results

Similar Description - UPA2353T1G-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com