Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G384GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L1G384GM
Description  Low-ohmic single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G384GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L1G384GM Datasheet HTML 7Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 8Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 9Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 10Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 11Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 12Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 13Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 14Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NX3L1G384
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 January 2011
11 of 18
NXP Semiconductors
NX3L1G384
Low-ohmic single-pole single-throw analog switch
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
Fig 18. Test circuit for measuring the frequency response when channel is in ON-state
dB
001aai603
Y/Z
E
VIL
fi
RL
Z/Y
VCC
0.5VCC
Adjust fi voltage to obtain 0 dBm level at input.
Fig 19. Test circuit for measuring isolation (OFF-state)
dB
001aai604
Y/Z
E
VIH
fi
RL
Z/Y
VCC
0.5VCC
RL
0.5VCC
a. Test circuit
b. Input and output pulse definitions
Fig 20. Test circuit for measuring crosstalk voltage between digital inputs and switch
VVO
001aai605
RL
CL
RL
VI
Y/Z
Z/Y
E
VCC
0.5VCC
0.5VCC
G
001aai606
on
off
off
logic
input (E)
VO
Vct


Similar Part No. - NX3L1G384GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G384GM NXP-NX3L1G384GM Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
More results

Similar Description - NX3L1G384GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com