Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866A Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2N3866A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N3866A Datasheet(HTML) 1 Page - Advanced Semiconductor

  2N3866A Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
30
V
BVCER
IC = 5.0 mA
RBE = 10
55
V
BVEBO
IC = 100
µA
3.5
V
ICEX
VCE = 55 V
VBE = -1.5 V
VCE = 30 V
VBE = -1.5 V
TC = 200
OC
100
500
µµµµA
ICEO
VCE = 28 V
20
µµµµA
IEBO
VEB = 3.5 V
100
µµµµA
hFE
VCE = 5.0 V
IC = 50 mA
IC = 360 mA
25
5.0
200
---
VCE(SAT)
IC = 100 mA
IB = 20 mA
1.0
V
ft
VCE = 15 V
IC = 50 mA
f = 200 MHz
800
MHz
COB
VCB = 28 V
f = 1.0 MHz
3.0
pF
GPE
ηηηη
c
VCC = 28 V
Pout = 1.0 W
f = 400 MHz
10
45
dB
%
NPN SILICON HIGH FREQUENCY TRANSISTOR
2N3866A
DESCRIPTION:
The
2N3866A is a High Frequency
Transistor Designed for Amplifier and
Oscillator Applications.
MAXIMUM RATINGS
IC
400 mA
VCE
30 V
PDISS
5.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
35
OC/W
PACKAGE STYLE TO-39
1 = Emitter
2 = Base
3 = Collector


Similar Part No. - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
logo
Microsemi Corporation
2N3866A MICROSEMI-2N3866A Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com