Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S2002FTB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2S2002FTB
Description  ICODE SLIX a product family of smart label ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002FTB Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2S2002FTB Datasheet HTML 1Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 2Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 3Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 4Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 5Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 6Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 7Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 8Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
3 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
4.
Quick reference data
[1]
Bandwidth limitation (
± 7 kHz) according to ISM band regulations.
[2]
Measured with an HP4285A LCR meter at 13.56 MHz and 2 V RMS.
5.
Ordering information
Table 1.
Quick reference data
Typical ratings are not guaranteed. The values listed are at room temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Wafer EEPROM characteristics
tret
retention time
Tamb ≤ 55 °C
50
--year
Nendu(W)
write endurance
100000
-
-
cycle
Interface characteristics
fi
input frequency
[1] 13.553
13.56
13.567
MHz
Ci
input capacitance
between LA and LB
[2]
SL2S2002FUD
SL2S2002FTB
22.3
23.5
24.7
pF
SL2S2102FUD
SL2S2102FTB
92
97
102
pF
Table 2.
Ordering information
Type number
Package
Version
Name
Description
SL2S2002FUD
wafer
sawn, bumped wafer, 120
μm, on film frame carrier,
Ci between LA and LB = 23.5 pF (typical)
-
SL2S2102FUD
wafer
sawn, bumped wafer, 120
μm, on film frame carrier,
Ci between LA and LB = 97 pF (typical)
-
SL2S2002FTB
XSON3
plastic extremely thin small outline package; no leads;
3 terminals; body 1 x 1.45 x 0.5 mm;
Ci between LA and LB = 23.5 pF (typical)
SOT1122
SL2S2102FTB
XSON3
plastic extremely thin small outline package; no leads;
3 terminals; body 1 x 1.45 x 0.5 mm;
Ci between LA and LB = 97 pF (typical)
SOT1122


Similar Part No. - SL2S2002FTB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FA8 NXP-SL2S2602FA8 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUD NXP-SL2S2602FUD Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUDBG NXP-SL2S2602FUDBG Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
More results

Similar Description - SL2S2002FTB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
   ICODE SLIX-S
Rev. 3.2-27 August 2012
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
   ICODE SLIX-L
Rev. 3.4-27 August 2012
logo
Intersil Corporation
TB406 INTERSIL-TB406 Datasheet
16Kb / 1P
   Proper Termination of Inputs to the HIP408x Family of Driver ICs
logo
NXP Semiconductors
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
   ICODE DNA
Rev. 3.0 ??16 June 2016
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
STMicroelectronics
PM0222 STMICROELECTRONICS-PM0222 Datasheet
388Kb / 33P
   Brain smart hub family
logo
NXP Semiconductors
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com