Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0107MN0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # Z0107MN0
Description  4Q Triac General purpose low power motor control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107MN0 Datasheet(HTML) 3 Page - NXP Semiconductors

  Z0107MN0 Datasheet HTML 1Page - NXP Semiconductors Z0107MN0 Datasheet HTML 2Page - NXP Semiconductors Z0107MN0 Datasheet HTML 3Page - NXP Semiconductors Z0107MN0 Datasheet HTML 4Page - NXP Semiconductors Z0107MN0 Datasheet HTML 5Page - NXP Semiconductors Z0107MN0 Datasheet HTML 6Page - NXP Semiconductors Z0107MN0 Datasheet HTML 7Page - NXP Semiconductors Z0107MN0 Datasheet HTML 8Page - NXP Semiconductors Z0107MN0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Z0107MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
3 of 16
NXP Semiconductors
Z0107MN0
4Q Triac
5.
Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tsp ≤ 103 °C; see Figure 3;
see Figure 1; see Figure 2
-1
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) =25°C; tp = 20 ms;
see Figure 4; see Figure 5
-
12.5
A
full sine wave; Tj(init) =25°C; tp = 16.7 ms
-
13.8
A
I2t
I2t for fusing
tp = 10 ms; sine-wave pulse
-
0.78
A2s
dIT/dt
rate of rise of on-state current
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2+ G+
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2+ G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2- G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2- G+
-20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
Fig 1.
RMS on-state current as a function of surge
duration; maximum values
Fig 2.
RMS on-state current as a function of solder
point temperature; maximum values
003aac269
0
2
4
6
8
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aac270
0
0.4
0.8
1.2
-50
0
50
100
150
Tsp (
°C)
IT(RMS)
(A)


Similar Part No. - Z0107MN0

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results

Similar Description - Z0107MN0

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com