Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1136 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1136
Description  AM Tuners for Car Radios and Home Stereos
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1136 Datasheet HTML 1Page - Sanyo Semicon Device LA1136 Datasheet HTML 2Page - Sanyo Semicon Device LA1136 Datasheet HTML 3Page - Sanyo Semicon Device LA1136 Datasheet HTML 4Page - Sanyo Semicon Device LA1136 Datasheet HTML 5Page - Sanyo Semicon Device LA1136 Datasheet HTML 6Page - Sanyo Semicon Device LA1136 Datasheet HTML 7Page - Sanyo Semicon Device LA1136 Datasheet HTML 8Page - Sanyo Semicon Device LA1136 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Package Dimensions
unit : mm
3067-DIP24S
[LA1136N]
SANYO : DIP24S
unit : mm
3021B-DIP20S
[LA1137N]
SANYO : DIP20Slim
unit : mm
3112-MFP24S
[LA1136NM]
SANYO : MFP24S
unit : mm
3036B-MFP20
[LA1137NM]
SANYO : MFP20
Ambient temperature, Ta – °C
Mounted on 20
× 40 × 1.5 mm PCB
Independent IC
Ambient temperature, Ta – °C
Pd max–Ta
Pdmax–Ta
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-2/28


Similar Part No. - LA1136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1135M SANYO-LA1135M Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results

Similar Description - LA1136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com