Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB44D0336K-- Datasheet(PDF) 3 Page - AVX Corporation

Part # FFB44D0336K--
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFB44D0336K-- Datasheet(HTML) 3 Page - AVX Corporation

  FFB44D0336K-- Datasheet HTML 1Page - AVX Corporation FFB44D0336K-- Datasheet HTML 2Page - AVX Corporation FFB44D0336K-- Datasheet HTML 3Page - AVX Corporation FFB44D0336K-- Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Medium Power Film Capacitors
FFB (RoHS Compliant) – Polyester Dielectric
Part Number
Capacitance
Case Style
I
rms max.
R
S
R
th
Typical
(μF)
(A)
(m )
(°C/W)
Weight (g)
Vndc 75V
Vrms max.: 45 volts
Voltage Code: D
FFB14D0336K--
33
PO
3
3
40.7
15
FFB24D0476K--
47
18
4.3
2
33.3
20
FFB34D0686K--
68
19
6.2
1.7
29.9
25
FFB44D0826K--
82
26
7.4
1.6
26.7
32
FFB54D0117K--
110
R68
10
1.4
22.9
40
(2 terminals)
FFB54D0117KJC
110
R68
10
1.4
22.9
40
(4 terminals)
Vndc 100V
Vrms max.: 60 volts
Voltage Code: E
FFB14E0206K--
20
PO
2.6
3
40.5
15
FFB24E0276K--
27
18
3.5
2.5
33.3
20
FFB34E0396K--
39
19
5
2
29.8
25
FFB44E0476K--
47
26
6
1.7
26.6
32
FFB54E0686K--
68
R68
9
1.4
22.8
40
(2 terminals)
FFB54E0686KJC
68
R68
9
1.4
22.8
40
(4 terminals)
Vndc 300V
Vrms max.: 90 volts
Voltage Code: H
FFB14H0755K--
7.5
PO
2.4
16
40.7
15
FFB24H0116K--
11
18
3.6
11
33.5
20
FFB34H0166K--
16
19
5.2
8
29.9
25
FFB44H0186K--
18
26
6
7
27.1
32
FFB54H0276K--
27
R68
9
5
22.9
40
(2 terminals)
FFB54H0276KJC
27
R68
9
5
22.9
40
(4 terminals)
Vndc 400V
Vrms max.: 105 volts
Voltage Code: I
FFB14I0625K--
6.2
PO
2.5
17
40.5
15
FFB24I0755K--
7.5
18
3.1
14
33.5
20
FFB34I0126K--
12
19
5
9
29.9
25
FFB44I0156K--
15
26
6.2
7
26.4
32
FFB54I0206K--
20
R68
8.2
5.5
22.8
40
(2 terminals)
FFB54I0206KJC
20
R68
8.2
5.5
22.8
40
(4 terminals)
RATINGS AND PART NUMBER REFERENCE – POLYESTER DIELECTRIC
6
Climatic category
55/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc
Capacitance range Cn
6.2μF to 110μF
Tolerance on Cn
±10%
Rated DC voltage Vndc
75 to 400 V
Dielectric
polyester
Max Stray Inductance
20nH
ELECTRICAL CHARACTERISTICS
– POLYESTER DIELECTRIC
POLYESTER DIELECTRIC FOR LOW VOLTAGE DC FILTERING
50
°C
60
°C
70
°C
95
°C
85
°C
105
°C
1.2
1.1
1.0
0.8
0.9
0.7
0.6
0.5
0.4
0.3
100
1000
10000
100000
Lifetime Expectancy (hours)
LIFETIME EXPECTANCY vs VOLTAGE
AND HOT SPOT TEMPERATURE
– POLYESTER DIELECTRIC
Vw = Permanent working or operating DC voltage.


Similar Part No. - FFB44D0336K--

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
154Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FFB44D0336K--

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com