Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBVSPA018LN1TAG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBVSPA018LN1TAG
Description  3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSPA018LN1TAG Datasheet(HTML) 7 Page - ON Semiconductor

  NBVSPA018LN1TAG Datasheet HTML 1Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 2Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 3Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 4Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 5Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 6Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 7Page - ON Semiconductor NBVSPA018LN1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NBVSPA015 Series
http://onsemi.com
7
PACKAGE DIMENSIONS
6 PIN CLCC, 5x3.2, 1.27P
CASE 848AC−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
0.15 C
PIN ONE
REFERENCE
TOP VIEW
A
A1
A3
0.10 C
C SEATING
PLANE
SIDE VIEW
L
6X
1
DIM
A
MIN
MAX
MILLIMETERS
1.05
1.35
A3
0.90 REF
b
0.50
0.80
D1
4.25
4.55
E1
2.45
2.75
L
0.75
1.05
A1
0.35
0.65
D
5.00 BSC
E
3.20 BSC
E2
2.90
3.20
e
1.27 BSC
D1
E1
E2
2X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
1.27
1.13
6X
3.30
0.74
6X
DIMENSION: MILLIMETERS
0.15 C
2X
METALLIZED
ZONES
1
PACKAGE
OUTLINE


Similar Part No. - NBVSPA018LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
More results

Similar Description - NBVSPA018LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSBA011LN1TAG ONSEMI-NBVSBA011LN1TAG Datasheet
133Kb / 8P
   2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
June, 2010 ??Rev. 0
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VLB7029036EG000050 PLETRONICS-VLB7029036EG000050 Datasheet
145Kb / 8P
   3.3 V LVDS VCXO Oscillators
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
logo
ECM Electronics Limited...
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
   VCXO Voltage Controlled Oscillator
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com