Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD105N04LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD105N04LG
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD105N04LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD105N04LG Datasheet HTML 1Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 2Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 3Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 4Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 5Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 6Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 7Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 8Page - Infineon Technologies AG IPD105N04LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD105N04L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1400
1900
pF
Output capacitance
C oss
-
330
440
Reverse transfer capacitance
Crss
-16-
Turn-on delay time
t d(on)
-
3.7
-
ns
Rise time
t r
-
2.4
-
Turn-off delay time
t d(off)
-16-
Fall time
t f
-
2.8
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
4.8
-
nC
Gate charge at threshold
Q g(th)
-
2.2
-
Gate to drain charge
Q gd
-
1.9
-
Switching charge
Q sw
-
4.6
-
Gate charge total
Q g
-18
23
Gate plateau voltage
V plateau
-
3.5
-
V
Gate charge total
Q g
V DD=20 V, I D=30 A,
V GS=0 to 4.5 V
-
8
11
nC
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 10 V
-
16.4
-
Output charge
Q oss
V DD=20 V, V GS=0 V
-13-
Reverse Diode
Diode continuous forward current
I S
-
-
35
A
Diode pulse current
I S,pulse
-
-
280
Diode forward voltage
V SD
V GS=0 V, I F=40 A,
T j=25 °C
-
0.94
1.2
V
Reverse recovery charge
Q rr
V R=20 V, I F=I S,
di F/dt =400 A/µs
-16-
nC
5) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=20 V,
f =1 MHz
V DD=20 V, V GS=10 V,
I D=30 A, R G=1.6 Ω
V DD=20 V, I D=30 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2007-12-06


Similar Part No. - IPD105N04LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD105N03LG INFINEON-IPD105N03LG Datasheet
1Mb / 12P
   OptiMOS3 Power-Transistor
2010-04-01 revision:2.1
More results

Similar Description - IPD105N04LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com