Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5809US Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N5809US
Description  ULTRAFAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5809US Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N5809US Datasheet HTML 1Page - EIC discrete Semiconductors 1N5809US Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5807US - 1N5811US
ULTRAFAST RECOVERY
RECTIFIER DIODES
PRV : 50 - 150 Volts
Io : 6.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ultrafast recovery time
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.1079 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
1N5807US
1N5809US 1N5811US
UNIT
Maximum Working Peak Reverse Voltage
VRWM
50
100
150
V
Minimum Breakdown Voltage @ 100µA
VBR(Min)
60
110
160
V
Maximum Average Forward Current
6.0
(1)
3.0
(2)
Maximum Forward Surge Current
(3)
IFSM
125
A
Maximum Peak Forward Voltage at IF = 4.0 A.
VF
0.875
V
Maximum Reverse Current at VRWM
Ta = 25 °C
IR
5.0
Ta = 100 °C
IR(H)
150
Maximum Reverse Recovery Time
(4)
Trr
30
ns
Thermal Resistance, Junction to Lead
RӨJL
22
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Rated at TL=75 °C at 3/8 inc lead length. Derate at 60 mA/°C for TL above 75 °C.
(2) Derate linearly at 25 mA/°C above Ta = 55 °C. This rating is typical for PC boards where thermal resistance from mounting
point to ambient is sufficiently controlled where TJ(max) dose not exceed 175 °C.
(3) Ta = 25 °C @ IF(AV) = 3A and VRWM for ten 8.3 ms surges at 1 minute intervals.
(4) IF = 1A, IRM = 1A, IR(REC) = 0.1 A and di/dt = 10 A/μs min.
Page 1 of 2
Rev. 00 : April 4, 2007
μA
RATING
IF(AV)
A
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeters
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - 1N5809US

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5809US SENSITRON-1N5809US Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Microsemi Corporation
1N5809US MICROSEMI-1N5809US Datasheet
399Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5809US SEMTECH-1N5809US Datasheet
110Kb / 2P
   Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5809US MICROSEMI-1N5809US Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N5809US SENSITRON-1N5809US Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - 1N5809US

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
   Ultrafast Recovery Rectifier Diodes
UF4001 DIOTEC-UF4001_15 Datasheet
134Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
1N5807 EIC-1N5807 Datasheet
98Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
UF5400 DIOTEC-UF5400_15 Datasheet
140Kb / 2P
   Ultrafast Recovery Rectifier Diodes
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
UF4001 SUNMATE-UF4001 Datasheet
315Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
UF5400 SUNMATE-UF5400 Datasheet
305Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Advanced Power Technolo...
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com