Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5956A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N5956A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5956A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N5956A Datasheet HTML 1Page - EIC discrete Semiconductors 1N5956A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5913A - 1N5957A
SILICON ZENER DIODES
VZ : 3.3 - 240 Volts
PD : 3 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.335 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Maximum Steady state Power Dissipation
3.0
W
@ TL = 75 ºC, Lead Length = 3/8"
Derate above 75 ºC
Steady State Power Dissipation
1.0
W
@ TL = 50 ºC, Lead Length = 3/8"
Derate above 50 ºC
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 200
°C
0
40
80
120
160
200
TL, LEAD TEMPERATURE (
°C)
Page 1 of 2
Rev. 07 : May 27, 2006
6.67
mW/ºC
PD
PD
24
mW/ºC
1
L = LEAD LENGTH
TO HEAT SINK
Fig. 1 POWER TEMPERATURE DERATING CURVE
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.108(2.74)
0.079 (1.99)
0.205 (5.20)
0.161 (4.10)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
5
3
2
4
L = 1/8"
L = 3/8"
L = 1"
0
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N5956A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5956A EIC-1N5956A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5956A FCI-1N5956A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
SynSemi, Inc.
1N5956A SYNSEMI-1N5956A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1N5956A LUGUANG-1N5956A Datasheet
288Kb / 3P
   POWER DISSIPATION: 1.5W
logo
Digitron Semiconductors
1N5956A DIGITRON-1N5956A Datasheet
122Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N5956A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com