Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1650 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA1650
Description  Time Code Reception ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1650 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1650 Datasheet HTML 2Page - Sanyo Semicon Device LA1650 Datasheet HTML 3Page - Sanyo Semicon Device LA1650 Datasheet HTML 4Page - Sanyo Semicon Device LA1650 Datasheet HTML 5Page - Sanyo Semicon Device LA1650 Datasheet HTML 6Page - Sanyo Semicon Device LA1650 Datasheet HTML 7Page - Sanyo Semicon Device LA1650 Datasheet HTML 8Page - Sanyo Semicon Device LA1650 Datasheet HTML 9Page - Sanyo Semicon Device LA1650 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
No. 6310-6/14
LA1650, 1650C
Pin Functions (VCC = 1.5 V)
Pin No.
Function
No-signal voltage (V)
Notes
Equivalent circuit
1.5
The input impedance, Zi, is
450 k
Ω.
Connect the antenna coil
between pins 1 and 4.
Recommended coil: ACL-80
(Sumida Electronics)
1
Amplifier (1) input
4
1
A12759
0.6
0.6
The AGC operating speed is
determined by the capacitor
connected between pin 3 and
ground.
2
3
AGC (1) input
AGC (2) input
3
2
17
A12760
1.5
4
VCC
1.5
This LA1650 operates normally
with pin 5 at VCC. The device
goes to standby mode (ICC ≤ 1
µA) when this pin is pulled to
ground.
5
PON
4
5
18
17
A12761
0.7
Connect the crystal oscillator
elements between pins 6 and 8,
and pins 7 and 9.
Recommended element: VTC-
200 (Seiko Instruments)
40 kHz, 12.5 pF
6
7
Amplifier (1) output
6
7
17
A12762
0.8
RIN = 20 kΩ
8
9
Amplifier (2) input
8
RIN
RIN
17
9
A12763
Continued on next page.


Similar Part No. - LA1650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

Similar Description - LA1650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com