Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5942A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1SMA5942A
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SMA5942A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1SMA5942A Datasheet HTML 1Page - EIC discrete Semiconductors 1SMA5942A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SMA5913A - 1SMA5957A
SURFACE MOUNT SILICON
ZENER DIODES
VZ : 3.3 - 240 Volts
PD : 1.5 Watts
FEATURES :
* Complete Voltage Range 3.3 to 240 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.060 gram (Approximately)
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75 °C
1.5
W
Measured zero lead length(1" square copper pad, FR-4 board)
20
Derate above 75 °C
Thermal Resistance Junction to Lead
RӨJL
50
DC Power Dissipation @ Ta = 25 °C
0.5
W
(FR-4 board) Derate above 25 °C
4.0
Thermal Resistance Junction to Ambient
RӨJA
250
Maximum Forward Voltage at IF = 200 mA
VF
Operating Junction and Storang Temperature Range
TJ, TSTG
0
25
50
75
100
125
150
175
T, TEMPERATURE (
°C)
Page 1 of 2
Rev. 03 : June 26, 2007
V
°C
1.5
- 65 to + 150
°C/W
mW/°C
mW/°C
PD
°C/W
PD
0.3
0.6
0.9
1.2
1.5
Fig. 1 POWER TEMPERATURE DERATING CURVE
TL
0
2.3
± 0.2
SMA
1.8
± 0.2
2.7
± 0.2
Dimensions in millimeter
1.3
± 0.2
1.8
± 0.2
Ta
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1SMA5942A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SMA5942A EIC-1SMA5942A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA5942A LUGUANG-1SMA5942A Datasheet
358Kb / 2P
   Silicon Zener Diodes
logo
Microdiode Electronics ...
1SMA5942A CHENDA-1SMA5942A Datasheet
317Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Juxing Electr...
1SMA5942A JUXING-1SMA5942A Datasheet
550Kb / 3P
   Silicon Planar Zener Diodes
logo
Microdiode Electronics ...
1SMA5942A CHENDA-1SMA5942A Datasheet
680Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - 1SMA5942A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com