Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB25N06S3-25 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB25N06S3-25
Description  OptiMOS-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB25N06S3-25 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB25N06S3-25_07 Datasheet HTML 1Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 2Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 3Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 4Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 5Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 6Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 7Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 8Page - Infineon Technologies AG IPB25N06S3-25_07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPB25N06S3-25
IPI25N06S3-25, IPP25N06S3-25
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = f(I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 6V
R DS(on) = f(T j); I D = 25 A; V GS = 10 V
parameter: T j
10
15
20
25
30
35
40
45
-60
-20
20
60
100
140
180
T j [°C]
5 V
6 V
7 V
8 V
10 V
0
10
20
30
40
50
02468
V DS [V]
5.5 V
6 V
7 V
8 V
10 V
15
25
35
45
55
010
20
I D [A]
-55 °C
25 °C
175 °C
0
10
20
30
40
50
60
012345678
V GS [V]
Rev. 1.1
page 5
2007-11-07


Similar Part No. - IPB25N06S3-25_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB25N06S3-25 INFINEON-IPB25N06S3-25 Datasheet
159Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2006-04-03
More results

Similar Description - IPB25N06S3-25_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com