Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP45N06S3-16 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP45N06S3-16
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP45N06S3-16 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP45N06S3-16 Datasheet HTML 1Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 2Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 3Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 4Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 5Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 6Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 7Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 8Page - Infineon Technologies AG IPP45N06S3-16 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPB45N06S3-16
IPI45N06S3-16, IPP45N06S3-16
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS, pulsed
parameter: V GS
7 Typ. transfer characteristics
8 Drain-source on-state resistance
I D=f(V GS); V DS=10 V
R DS(on)=f(T j); I D=20 A; V GS=10 V
parameter: T j
7V
8V
9V
10V
10
15
20
25
30
0
20406080
100
I D [A]
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
20
40
60
80
100
120
140
160
0
5
10
15
V DS [V]
0
5
10
15
20
25
30
-60
-20
20
60
100
140
180
T j [°C]
25 °C
175 °C
-55 °C
0
25
50
75
100
23
456
78
V GS [V]
Rev. 1.0
page 5
2005-11-25


Similar Part No. - IPP45N06S3-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP45N06S3L-13 INFINEON-IPP45N06S3L-13 Datasheet
193Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 2.2 2007-09-06
More results

Similar Description - IPP45N06S3-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com