Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5930A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1SMB5930A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SMB5930A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1SMB5930A Datasheet HTML 1Page - EIC discrete Semiconductors 1SMB5930A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
1SMB5913A
3.3
113.6
10
500
1.0
100
1.0
454
1SMB5914A
3.6
104.2
9.0
500
1.0
75
1.0
416
1SMB5915A
3.9
96.1
7.5
500
1.0
25
1.0
384
1SMB5916A
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1SMB5917A
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1SMB5918A
5.1
73.5
4.0
500
1.0
5.0
2.0
294
1SMB5919A
5.6
66.9
2.0
250
1.0
5.0
3.0
267
1SMB5920A
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1SMB5921A
6.8
55.1
2.5
200
1.0
50
5.2
220
1SMB5922A
7.5
50.0
3.0
400
0.5
50
6.0
200
1SMB5923A
8.2
45.7
3.5
400
0.5
50
6.5
182
1SMB5924A
9.1
41.2
4.0
500
0.5
50
7.0
164
1SMB5925A
10
37.5
4.5
500
0.25
50
8.0
150
1SMB5926A
11
34.1
5.5
550
0.25
50
8.4
136
1SMB5927A
12
31.2
6.5
550
0.25
1.0
9.1
125
1SMB5928A
13
28.8
7.0
550
0.25
1.0
9.9
115
1SMB5929A
15
25.0
9.0
600
0.25
1.0
11.4
100
1SMB5930A
16
23.4
10
600
0.25
1.0
12.2
93
1SMB5931A
18
20.8
12
650
0.25
1.0
13.7
83
1SMB5932A
20
18.7
14
650
0.25
1.0
15.2
75
1SMB5933A
22
17.0
17.5
650
0.25
1.0
16.7
68
1SMB5934A
24
15.6
19
700
0.25
1.0
18.2
62
1SMB5935A
27
13.9
23
700
0.25
1.0
20.6
55
1SMB5936A
30
12.5
26
750
0.25
1.0
22.8
50
1SMB5937A
33
11.4
33
800
0.25
1.0
25.1
45
1SMB5938A
36
10.4
38
850
0.25
1.0
27.4
41
1SMB5939A
39
9.6
45
900
0.25
1.0
29.7
38
1SMB5940A
43
8.7
53
950
0.25
1.0
32.7
34
1SMB5941A
47
8.0
67
1000
0.25
1.0
35.8
31
1SMB5942A
51
7.3
70
1100
0.25
1.0
38.8
29
1SMB5943A
56
6.7
86
1300
0.25
1.0
42.6
26
1SMB5944A
62
6.0
100
1500
0.25
1.0
47.1
24
1SMB5945A
68
5.5
120
1700
0.25
1.0
51.7
22
1SMB5946A
75
5.0
140
2000
0.25
1.0
56.0
20
1SMB5947A
82
4.6
160
2500
0.25
1.0
62.2
18
1SMB5948A
91
4.1
200
3000
0.25
1.0
69.2
16
1SMB5949A
100
3.7
250
3100
0.25
1.0
76.0
15
1SMB5950A
110
3.4
300
4000
0.25
1.0
83.6
13
1SMB5951A
120
3.1
380
4500
0.25
1.0
91.2
12
1SMB5952A
130
2.9
450
5000
0.25
1.0
98.8
11
1SMB5953A
150
2.5
600
6000
0.25
1.0
114.0
10
1SMB5954A
160
2.3
700
6500
0.25
1.0
121.6
9.0
1SMB5955A
180
2.1
900
7000
0.25
1.0
136.8
8.0
1SMB5956A
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Note :
( 1 ) Suffix " A " indicates
± 10% tolerance, suffix " B " indicates ± 5.0% tolerance.
Page 2 of 2
Rev. 03 : March 25, 2005
TYPE


Similar Part No. - 1SMB5930A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SMB5930A EIC-1SMB5930A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
Motorola, Inc
1SMB5930A MOTOROLA-1SMB5930A Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
1SMB5930A LUGUANG-1SMB5930A Datasheet
189Kb / 2P
   Silicon Zener Diodes
logo
Nanjing International G...
1SMB5930A DGNJDZ-1SMB5930A Datasheet
36Kb / 2P
   Complete Voltage Range 3.3 to 200 Volts
logo
Bruckewell Technology L...
1SMB5930A BWTECH-1SMB5930A Datasheet
500Kb / 5P
   Complete Voltage Range 3.3 to 200 Volts
More results

Similar Description - 1SMB5930A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com