Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI80N04S3-03 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPI80N04S3-03
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI80N04S3-03 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPI80N04S3-03 Datasheet HTML 1Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 2Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 3Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 4Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 5Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 6Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 7Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 8Page - Infineon Technologies AG IPI80N04S3-03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPB80N04S3-03
IPI80N04S3-03, IPP80N04S3-03
OptiMOS®-T Power-Transistor
Features
• N-channel - Enhancement mode
• Automotive AEC Q101 qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green package (RoHS compliant)
• Ultra low Rds(on)
• 100% Avalanche tested
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25 °C, V GS=10 V
80
A
T C=100 °C,
V GS=10 V
2)
80
Pulsed drain current
2)
I D,pulse
T C=25 °C
320
Avalanche energy, single pulse
E AS
I D=80 A
526
mJ
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
188
W
Operating and storage temperature
T j, T stg
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
40
V
R DS(on),max (SMD version)
3.2
m
I D
80
A
Product Summary
PG-TO220-3-1
PG-TO262-3-1
PG-TO263-3-2
Type
Package
Marking
IPB80N04S3-03
PG-TO263-3-2
3N0403
IPI80N04S3-03
PG-TO262-3-1
3N0403
IPP80N04S3-03
PG-TO220-3-1
3N0403
Rev. 1.0
page 1
2007-05-03


Similar Part No. - IPI80N04S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI80N04S3-04 INFINEON-IPI80N04S3-04 Datasheet
193Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPI80N04S3-06 INFINEON-IPI80N04S3-06 Datasheet
193Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-05-03
More results

Similar Description - IPI80N04S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com