Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYA-T13ZX-2 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA-T13ZX-2
Description  LED BARGRAPH DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA-T13ZX-2 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA-T13ZX-2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T13ZX-2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T13ZX-2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T13ZX-2 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T13ZX-2 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED BARGRAPH DISPLAY
PartNO.:FYA-T13ZX -XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
: Absolute maximum ratings (Ta=25℃)
Value
Parameter
Symbol
Test Condition
Min
Max
Unit
Reverse
Voltage
VR
IR=30A
5
-----
V
Forward
Current
IF
-----
------
30
mA
Power Dissipation
Pd
-----
------
100
mW
Pulse Current
Ipeak
Duty=0.1mS,
1KHz
------
150
mA
Operating
Temperature
Topr
-----
-40
+85
°C
Storage
Temperature
Tstr
-----
-40
+85
°C
·-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - FYA-T13ZX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-T13AZX-00 FORYARD-FYA-T13AZX-00 Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-01 FORYARD-FYA-T13AZX-01 Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-02 FORYARD-FYA-T13AZX-02 Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-03 FORYARD-FYA-T13AZX-03 Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-04 FORYARD-FYA-T13AZX-04 Datasheet
407Kb / 5P
   Bargraph Digit Display
More results

Similar Description - FYA-T13ZX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-T20ZX FORYARD-FYA-T20ZX Datasheet
317Kb / 5P
   LED BARGRAPH DISPLAY
logo
BetLux Electronics
BL-AC1Z18S4 BETLUX-BL-AC1Z18S4 Datasheet
69Kb / 4P
   LED BARGRAPH DISPLAY
BL-AR02Z1212 BETLUX-BL-AR02Z1212 Datasheet
65Kb / 4P
   LED BARGRAPH DISPLAY
logo
Ningbo Foryard Optoelec...
FYA-R1206ZX FORYARD-FYA-R1206ZX Datasheet
321Kb / 5P
   LED BARGRAPH DISPLAY
FYA-R2010ZX FORYARD-FYA-R2010ZX Datasheet
322Kb / 5P
   LED BARGRAPH DISPLAY
FYA-R7030ZX FORYARD-FYA-R7030ZX Datasheet
318Kb / 5P
   LED BARGRAPH DISPLAY
FYA-S102ZX FORYARD-FYA-S102ZX Datasheet
321Kb / 5P
   LED BARGRAPH DISPLAY
logo
BetLux Electronics
BL-AR10Z2510 BETLUX-BL-AR10Z2510 Datasheet
64Kb / 4P
   LED BARGRAPH DISPLAY
logo
Ningbo Foryard Optoelec...
FYA-R021212ZX FORYARD-FYA-R021212ZX Datasheet
317Kb / 5P
   LED BARGRAPH DISPLAY
FYA-C52ZX FORYARD-FYA-C52ZX Datasheet
337Kb / 5P
   LED BARGRAPH DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com