Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11DQ05 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 11DQ05
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

11DQ05 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  11DQ05 Datasheet HTML 1Page - EIC discrete Semiconductors 11DQ05 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11DQ03 - 11DQ10
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 30 - 100 Volts
IO : 1.1 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
* Low cost
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
11DQ
03
11DQ
04
11DQ
05
11DQ
06
11DQ
09
11DQ
10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
90
100
V
Maximum Average Forward Current
IF(AV)
1.1
A
at Ambient Temperature
Ta
58
40
25
°C
Maximum Peak Forward Surge Current
single half sine wave superimposed on rated load
Maximum Forward Voltage at IF = 1.1 A
VF
0.52
0.56
0.74
V
Maximum Reverse Current at
Rated DC Blocking Voltage
TJ = 125
°C
Junction Temperature Range
TJ
- 40 to + 125
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
42
A
IR
6
11
6
mA
RATING
IFSM
42
26
DO - 41
0.205 (5.20)
0.160 (4.10)
0.107 (2.74)
0.080 (2.03)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - 11DQ05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
11DQ05 IRF-11DQ05 Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
11DQ05 SENSITRON-11DQ05 Datasheet
198Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
11DQ05 VISHAY-11DQ05 Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
11DQ05 SYNSEMI-11DQ05 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
11DQ05 VISHAY-11DQ05 Datasheet
120Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
More results

Similar Description - 11DQ05

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com