Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP06CN10LG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP06CN10LG
Description  OptiMOS2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP06CN10LG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP06CN10LG Datasheet HTML 1Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 2Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 3Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 4Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 5Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 6Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 7Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 8Page - Infineon Technologies AG IPP06CN10LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPP06CN10L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.7
K/W
Thermal resistance,
R thJA
minimal footprint
-
-
62
junction - ambient
6 cm
2 cooling area5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=180 µA
1.2
1.85
2.4
Zero gate voltage drain current
I DSS
V DS=80 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=80 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=50 A
-
5.9
7.9
m
V GS=10 V, I D=100 A
-
5.1
6.2
Gate resistance
R G
-
1.5
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=100 A
96
192
-
S
1)J-STD20 and JESD22
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
4) T
jmax=150 °C and duty cycle D=0.01 for Vgs<-5V
2) Current is limited by bondwire; with anR
thJC=0.7 K/W the chip is able to carry 124 A.
3) See figure 3
Rev. 1.01
page 2
2007-10-01


Similar Part No. - IPP06CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP06CN10N INFINEON-IPP06CN10N Datasheet
524Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
IPP06CN10NG INFINEON-IPP06CN10NG Datasheet
524Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
IPP06CN10NG INFINEON-IPP06CN10NG Datasheet
439Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 1.93 2010-01-18
More results

Similar Description - IPP06CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com