Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1415 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1415
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1415_10 Datasheet HTML 3Page - Microchip Technology MCP1415_10 Datasheet HTML 4Page - Microchip Technology MCP1415_10 Datasheet HTML 5Page - Microchip Technology MCP1415_10 Datasheet HTML 6Page - Microchip Technology MCP1415_10 Datasheet HTML 7Page - Microchip Technology MCP1415_10 Datasheet HTML 8Page - Microchip Technology MCP1415_10 Datasheet HTML 9Page - Microchip Technology MCP1415_10 Datasheet HTML 10Page - Microchip Technology MCP1415_10 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2010 Microchip Technology Inc.
DS22092D-page 7
MCP1415/16
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  = 18V.
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
0
20
40
60
80
100
120
140
160
100
1000
10000
Capacitive Load (pF)
VDD = 18V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
10
20
30
40
50
60
70
80
90
100
1000
10000
Capacitive Load (pF)
VDD = 12V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
5
10
15
20
25
30
35
40
100
1000
10000
Capacitive Load (pF)
VDD = 6V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
20
40
60
80
100
120
140
10
100
1000
Frequency (kHz)
VDD = 18V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
20
40
60
80
100
120
100
1000
10000
Frequency (kHz)
VDD = 12V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
10
20
30
40
50
60
100
1000
10000
Frequency (kHz)
VDD = 6V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF


Similar Part No. - MCP1415_10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
More results

Similar Description - MCP1415_10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com