Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6074-E Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6074-E
Description  110 uA, High Precision Op Amps
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6074-E Datasheet(HTML) 4 Page - Microchip Technology

  MCP6074-E Datasheet HTML 1Page - Microchip Technology MCP6074-E Datasheet HTML 2Page - Microchip Technology MCP6074-E Datasheet HTML 3Page - Microchip Technology MCP6074-E Datasheet HTML 4Page - Microchip Technology MCP6074-E Datasheet HTML 5Page - Microchip Technology MCP6074-E Datasheet HTML 6Page - Microchip Technology MCP6074-E Datasheet HTML 7Page - Microchip Technology MCP6074-E Datasheet HTML 8Page - Microchip Technology MCP6074-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP6071/2/4
DS22142B-page 4
© 2010 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
95
115
dB
0.2V < VOUT <(VDD-0.2V)
VCM = VSS
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+15
VDD–15
mV
0.5V input overdrive
Output Short-Circuit Current
ISC
—±7
mA
VDD = 1.8V
—±28
mA
VDD = 6.0V
Power Supply
Supply Voltage
VDD
1.8
6.0
V
Quiescent Current per Amplifier
IQ
50
110
170
µA
IO = 0, VDD = 6.0V
VCM = 0.9VDD
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8 to +6.0V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
1.2
MHz
Phase Margin
PM
57
°
G = +1 V/V
Slew Rate
SR
0.5
V/µs
Noise
Input Noise Voltage
Eni
4.3
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—19
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—0.6
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Note 1
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
220.7
°C/W
Thermal Resistance, 8L-2x3 TDFN
θ
JA
—52.5
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
149.5
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
95.3
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
100
°C/W
Note 1: The internal junction temperature (T
J) must not exceed the absolute maximum specification of +150°C.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V, VSS= GND, TA= +25°C, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2 and RL = 10 kΩ to VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Figure 2-13 shows how VCMR changed across temperature.


Similar Part No. - MCP6074-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6074-E/MNY MICROCHIP-MCP6074-E/MNY Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
MCP6074-E/SL MICROCHIP-MCP6074-E/SL Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
MCP6074-E/SL MICROCHIP-MCP6074-E/SL Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
MCP6074-E/SN MICROCHIP-MCP6074-E/SN Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
MCP6074-E/ST MICROCHIP-MCP6074-E/ST Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
More results

Similar Description - MCP6074-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Linear Technology
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
logo
Microchip Technology
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
logo
Linear Technology
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com