Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP65R46T-24CHY Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP65R46T-24CHY
Description  3 uA Comparator with Integrated Reference Voltage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T-24CHY Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP65R46T-24CHY Datasheet HTML 4Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 5Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 6Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 7Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 8Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 9Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 10Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 11Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP65R41/6
DS22269A-page 8
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-7:
Input Hysteresis Voltage
at -40°C.
FIGURE 2-8:
Input Hysteresis Voltage
at +25°C.
FIGURE 2-9:
Input Hysteresis Voltage
at +125°C.
FIGURE 2-10:
Input Hysteresis Voltage
Drift - Linear Temperature Compensation (TC1).
FIGURE 2-11:
Input Hysteresis Voltage
Drift - Quadratic Temperature Compensation
(TC2).
FIGURE 2-12:
Input Hysteresis Voltage
vs. Temperature.
0%
5%
10%
15%
20%
25%
30%
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VHYST (mV)
VDD = 1.8V
Avg. = 2.4 mV
StDev = 0.17 mV
850 units
VDD = 5.5V
Avg. = 2.3 mV
StDev = 0.17 mV
850 units
TA = -40°C
0%
5%
10%
15%
20%
25%
30%
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VHYST (mV)
VDD = 1.8V
Avg. = 3.0 mV
StDev = 0.17 mV
850 units
VDD = 5.5V
Avg. = 2.8 mV
StDev = 0.17 mV
850 units
TA = +25°C
0%
5%
10%
15%
20%
25%
30%
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VHYST (mV)
VDD = 1.8V
Avg. = 3.4 mV
StDev = 0.14 mV
850 units
VDD = 5.5V
Avg. = 3.2 mV
StDev = 0.13 mV
850 units
TA = +125°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
0
2
4
6
8
10
12
14
16
18
20
VHYST Drift, TC1 (µV/°C)
850 Units
TA = -40°C to +125°C
VCM = VSS
VDD = 5.5V
Avg. = 5.7 µV/°C
StDev = 0.50 µV/°C
VDD = 1.8V
Avg. = 6.1 µV/°C
StDev = 0.55 µV/°C
0%
10%
20%
30%
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
VHYST Drift, TC2 (µV/°C
2)
VDD = 5.5V
VCM = VSS
Avg. = 10.4 µV/°C
StDev = 0.6 µV/°C
VDD = 5.5V
Avg. = 0.25 µV/°C
2
StDev = 0.1 µV/°C
2
VDD = 1.8V
Avg. = 0.3 µV/°C
2
StDev = 0.2 µV/°C
2
1380 Units
TA = -40°C to +125°C
VCM = VSS
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD= 5.5V
VDD = 1.8V
VCM = VSS


Similar Part No. - MCP65R46T-24CHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP65R46T-2402E/CHY MICROCHIP-MCP65R46T-2402E/CHY Datasheet
570Kb / 36P
   3 μA Comparator with Integrated Reference Voltage
Revision C June 2020
More results

Similar Description - MCP65R46T-24CHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP65R41 MICROCHIP-MCP65R41_V01 Datasheet
570Kb / 36P
   3 μA Comparator with Integrated Reference Voltage
Revision C June 2020
logo
Texas Instruments
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Texas Instruments
TLV6703 TI1-TLV6703_V01 Datasheet
1Mb / 26P
[Old version datasheet]   TLV6703 Micropower, 18-V Comparator With Integrated Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com