Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP26 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 30KP26
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

30KP26 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  30KP26 Datasheet HTML 1Page - EIC discrete Semiconductors 30KP26 Datasheet HTML 2Page - EIC discrete Semiconductors 30KP26 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30KP SERIES
TRANSIENT VOLTAGE
SUPPRESSOR
VR : 22 - 400 Volts
PPK : 30,000 Watts
FEATURES :
* Glass passivated junction chip
* Excellent Clamping Capability
* Fast Response Time
* Low Leakage Current
* Pb / RoHS Free
MECHANICAL DATA
* Case : Void-free molded plastic body
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 2.1 grams
MAXIMUM RATINGS (Ta = 25 °C)
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10 x 1000μs, see Fig.2 )
PPK
30,000
W
Steady State Power Dissipation
PD
7W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 175
°C
Page 1 of 3
Rev. 05 : June 17, 2009
IFSM
250
A
50
100
0
T, Time(ms)
01
2
3
Peak Value - IPP
Test Waveform
Paramiters
tr = 10 μs
tp = 1000 μs
10x1000
μs Waveform
Half Value - IPP
2
tp
tr
Fig. 2 - Pulse Wave Form
D6
Dimensions in inches and ( millimeters )
0.360 (9.1)
0.340 (8.6)
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
175
Fig. 1 - Pulse Derating Curve
25
100
0
Ambient Temperature , (C°)
050
100
150
25
75
125
50
75
125
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 30KP26

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
30KP26 DIGITRON-30KP26 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
30KP26 DIGITRON-30KP26 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
30KP26 SUNMATE-30KP26 Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
30KP260A MDE-30KP260A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP260A MCC-30KP260A Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
More results

Similar Description - 30KP26

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com